Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812C106M8R1CTU Datasheet(PDF) 7 Page - Kemet Corporation

Part # C1812C106M8R1CTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C106M8R1CTU Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C1812C106M8R1CTU Datasheet HTML 3Page - Kemet Corporation C1812C106M8R1CTU Datasheet HTML 4Page - Kemet Corporation C1812C106M8R1CTU Datasheet HTML 5Page - Kemet Corporation C1812C106M8R1CTU Datasheet HTML 6Page - Kemet Corporation C1812C106M8R1CTU Datasheet HTML 7Page - Kemet Corporation C1812C106M8R1CTU Datasheet HTML 8Page - Kemet Corporation C1812C106M8R1CTU Datasheet HTML 9Page - Kemet Corporation C1812C106M8R1CTU Datasheet HTML 10Page - Kemet Corporation C1812C106M8R1CTU Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1020-4 • 6/22/2010
77
Surface Mount Multilayer Ceramic Chip Capacitors –KPS Series – Commercial Grade (X7R Dielectric)
Table 2 – Chip Thickness / Packaging Quantities
Package Quantity Based on Finished Chip Thickness Specifications
Thickness
Code
Chip
Size
Thickness ±
Range (mm)
Qty per Reel
7" Plastic
Qty per Reel
13" Plastic
FV
1210
3.35 ± 0.10
600
2000
FW
1210
6.15 ± 0.15
300
1000
GP
1812
2.65 ± 0.35
500
2000
GR
1812
5.00 ± 0.50
400
1700
JS
2220
3.50 ± 0.30
300
1300
JR
2220
5.00 ± 0.50
200
800
Table 1 – (1210 - 2220 Case Sizes)
Cap pF
Cap
Code
Series
C1210
C1812
C2220
Voltage Code
8
4
3
5
1
A
4
3
5
1
A
4
3
5
1
A
Voltage
10
16
25
50
100
250
16
25
50
100
250
16
25
50
100
250
Cap Tolerance
Product Availability and Chip Thickness Codes - See Table 2 for Chip Thickness Dimensions
Single Chip Stack
0.10 uF
104
K
M
FV
FV
FV
FV
FV
FV
GP
GP
GP
GP
GP
JS
JS
JS
JS
JS
0.22 uF
224
K
M
FV
FV
FV
FV
FV
GP
GP
GP
GP
GP
JS
JS
JS
JS
JS
0.47 uF
474
K
M
FV
FV
FV
FV
FV
GP
GP
GP
GP
GP
JS
JS
JS
JS
JS
1.0 uF
105
K
M
FV
FV
FV
FV
FV
GP
GP
GP
GP
JS
JS
JS
JS
JS
2.2 uF
225
K
M
FV
FV
FV
FV
FV
GP
GP
GP
JS
JS
JS
JS
3.3 uF
335
K
M
FV
FV
FV
FV
GP
GP
GP
JS
JS
JS
JS
4.7 uF
475
K
M
FV
FV
FV
FV
GP
GP
GP
JS
JS
JS
10 uF
106
K
M
FV
FV
FV
GP
GP
JS
JS
JS
15 uF
156
K
M
FV
JS
JS
22 uF
226
K
M
FV
JS
JS
33 uF
336
K
M
47 uF
476
K
M
100 uF
107
K
M
Double Chip Stack
0.10 uF
104
M
FW
FW
FW
FW
FW
FW
GR
GR
GR
GR
GR
JR
JR
JR
JR
JR
0.22 uF
224
M
FW
FW
FW
FW
FW
FW
GR
GR
GR
GR
GR
JR
JR
JR
JR
JR
0.47 uF
474
M
FW
FW
FW
FW
FW
GR
GR
GR
GR
GR
JR
JR
JR
JR
JR
1.0 uF
105
M
FW
FW
FW
FW
FW
GR
GR
GR
GR
GR
JR
JR
JR
JR
JR
2.2 uF
225
M
FW
FW
FW
FW
FW
GR
GR
GR
GR
JR
JR
JR
JR
JR
3.3 uF
335
M
FW
FW
FW
FW
GR
GR
GR
GR
JR
JR
JR
JR
4.7 uF
475
M
FW
FW
FW
FW
FW
GR
GR
GR
JR
JR
JR
JR
10 uF
106
M
FW
FW
FW
FW
GR
GR
GR
JR
JR
JR
22 uF
226
M
FW
FW
FW
GR
GR
JR
JR
JR
33 uF
336
M
FW
JR
JR
47 uF
476
M
FW
JR
JR
100 uF
107
M
220 uF
227
M
Cap pF
Cap
Code
Voltage
10
16
25
50
100
250
16
25
50
100
250
16
25
50
100
250
Voltage Code
8
4
3
5
1
A
4
3
5
1
A
4
3
5
1
A
Series
C1210
C1812
C2220
C
2220
C
106
M
5
R
2
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Voltage
Dielectric
Failure Rate/Design
End
Metallization2
Packaging/Grade
(C-Spec)3
1210
1812
2220
C = Standard
2 Sig. Digits
+ Number of
Zeros
K = ±10%
M = ±20%
8 = 10V
4 = 16V
3 = 25V
5 = 50V
1 = 100V
A = 250V
R = X7R
1 = KPS Single Chip Stack
2 = KPS Double Chip Stack
C = 100%
Matte Sn
TU = 7” Reel
Unmarked
7289 = 13” Reel
Unmarked


Similar Part No. - C1812C106M8R1CTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C106M8R1C7168 KEMET-C1812C106M8R1C7168 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results

Similar Description - C1812C106M8R1CTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com