Electronic Components Datasheet Search |
|
C1210C106M8R1CTU Datasheet(PDF) 11 Page - Kemet Corporation |
|
C1210C106M8R1CTU Datasheet(HTML) 11 Page - Kemet Corporation |
11 / 16 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1020-4 • 6/22/2010 11 11 Surface Mount Multilayer Ceramic Chip Capacitors –KPS Series – Commercial Grade (X7R Dielectric) Figure 2 – Punched (Paper) Carrier Tape Dimensions Table 7 - Punched (Paper) Carrier Tape Dimensions (Metric will govern) 1. The cavity defined by A 0, B0 and T shall surround the component with sufficient clearance that: a) the component does not protrude beyond either surface of the carrier tape. b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. d) lateral movement of the component is restricted to 0.5 mm maximum (see Figure 4). e) see Addendum in EIA Document 481 for standards relating to more precise taping requirements. 2. The tape with or without components shall pass around R without damage (see Figure 5). Constant Dimensions — Millimeters (Inches) Tape Size D 0 E 1 P 0 P 2 T 1Max G Min R Ref. Note 2 8mm 1.5 +0.10-0.0 (0.059 +0.004, -0.0) 1.75 ±0.10 (0.069 ±0.004) 4.0 ±0.10 (0.157 ±0.004) 2.0 ±0.05 (0.079 ±0.002) 0.10 (.004) Max. 0.75 (.030) 25 (.984) Variable Dimensions — Millimeters (Inches) Tape Size Pitch E2 Min F P 1 T Max W Max A 0 B0 8mm Half (2mm) 6.25 (0.246) 3.5 ± 0.05 (0.138 ± 0.002) 2.0 ± 0.05 (0.079 ± 0.002) 1.1 (0.098) 8.3 (0.327) Note 5 8mm Single (4mm) 4.0 ± 0.10 (0.157 ± 0.004) 8.3 (0.327) User Direction of Unreeling Top Cover Tape T Center Lines of Cavity P1 ØDo Po P2 E1 F E2 W G A0 B0 Cavity Size, See Note 1, Table 7 Bottom Cover Tape T1 T1 Bottom Cover Tape [10 pitches cumulative tolerance on tape ±0.2 mm] |
Similar Part No. - C1210C106M8R1CTU |
|
Similar Description - C1210C106M8R1CTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |