Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR-UPS40 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # DR-UPS40
Description  40A DC UPS Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DR-UPS40 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  DR-UPS40_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DR-UPS40_10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DR-UPS40_10 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FileName:DR-UPS40-SPEC2010-10-18
D R - U P S 4 0
1.Backupconnectionfor ACinterruption
2.Combineredundancymodule(DR-RDN20)tobackup ACinterruptionorfailureofPSU
Suggested Application
DC
BAT
DR-UPS40
PSU
24V
24V/40A max.
Load
Battery
+
+
-
-
+
+
+
-
-
-
DC
BAT
DR-UPS40
DR-RDN20
24V
PSU
Load
Battery
Vin
Vout
A+
B+
+
+
+
-
-
-
+
+
+
-
- - -
-
40A DCUPSModule


Similar Part No. - DR-UPS40_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DR-UPS40 MEANWELL-DR-UPS40_11 Datasheet
310Kb / 3P
   40A DC UPS Module
More results

Similar Description - DR-UPS40_10

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DR-UPS40 TOTAL-POWER-DR-UPS40 Datasheet
414Kb / 3P
   40A DC UPS Module
logo
Mean Well Enterprises C...
DR-UPS40 MEANWELL-DR-UPS40_11 Datasheet
310Kb / 3P
   40A DC UPS Module
DR-UPS40 MEANWELL-DR-UPS40 Datasheet
307Kb / 3P
   40A DC UPS Module
logo
Powerbox
DRU-24V40ABN POWERBOX-DRU-24V40ABN Datasheet
388Kb / 2P
   DC-UPS MODULE DIN RAIL 24V 40A
logo
Mean Well Enterprises C...
DUPS40 MEANWELL-DUPS40 Datasheet
203Kb / 5P
   24V/40A DIN Rail Type Uninterruptible DC-UPS Module
logo
Linear Technology
LTM4636 LINER-LTM4636 Datasheet
1Mb / 36P
   40A DC/DC 關Module Regulator
logo
PULS GmbH
UBC10.241 PULS-UBC10.241 Datasheet
1Mb / 23P
   DC-UPS
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
   DC-UPS
UB20.241 PULS-UB20.241 Datasheet
887Kb / 31P
   DC-UPS
logo
Mean Well Enterprises C...
DUPS20 MEANWELL-DUPS20 Datasheet
195Kb / 5P
   24V/20A DIN Rail Type Uninterruptible DC-UPS Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com