Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDGE142 Datasheet(PDF) 2 Page - Semtech Corporation

Part # EDGE142
Description  Per Pin timing Deskew w 4x2 Cross Point Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EDGE142 Datasheet(HTML) 2 Page - Semtech Corporation

  EDGE142 Datasheet HTML 1Page - Semtech Corporation EDGE142 Datasheet HTML 2Page - Semtech Corporation EDGE142 Datasheet HTML 3Page - Semtech Corporation EDGE142 Datasheet HTML 4Page - Semtech Corporation EDGE142 Datasheet HTML 5Page - Semtech Corporation EDGE142 Datasheet HTML 6Page - Semtech Corporation EDGE142 Datasheet HTML 7Page - Semtech Corporation EDGE142 Datasheet HTML 8Page - Semtech Corporation EDGE142 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge142
PIN Description
Pin Name
Pin #
Description
Digital
IN0, IN0*
IN1, IN1*
IN2, IN2*
IN3, IN3*
41, 42
44, 45
48, 47
51, 50
The multiplexer input signals. (Differential digital inputs.)
OUT0, OUT*
OUT1, OUT1*
26, 25
14, 15
The selected and delayed output signals. (Differential ECL compatible
outputs.)
MUX OUT0, 0*
MUX OUT1, 1*
23, 22
17, 18
Selected monitor outputs. (Differential ECL compatible levels.)
S00, S01
S10, S11
32, 31
8, 9
Single-ended 10KH ECL compatible inputs which select the channel 0
and channel 1 source.
MUX0 SEL
MUX1 SEL
30
10
Single-ended 10KH ECL compatible inputs which select the two output
monitor sources.
EN*
29
Single-ended 10KH ECL compatible input which enables the delayed
outputs.
MUX EN
11
Single-ended 10KH ECL compatible input which enables the monitor
outputs.
Analog
VDELAY0
VDELAY1
39
1
Analog voltage inputs which control the amount of propagation delay for
each channel.
VFALL0
VFALL1
37
3
Analog voltage inputs which control the amount of falling edge delay for
each channel.
VMID0
VMID1
38
2
Analog voltage inputs which control the amount of pulse width
compensation for each channel.
REXT1
36
Analog input current used to establish the bias current for the VDELAY,
VFALL, and VMIDinputs.
REXT2
4
Analog input current used to establish the bias level for the delay cells.
COMP1,
COMP2
35
5
Op Amp compensation capacitors.
TDP, TDN
21, 19
Positive and negative terminals to the thermal diode string.
Power
GND
6, 12, 13, 16,
24, 27, 28, 34,
40, 43, 49, 52
Device ground (positive device supply).
VEE
7, 20, 33, 46


Similar Part No. - EDGE142

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE118 SEMTECH-EDGE118 Datasheet
79Kb / 11P
   Low Skew Clock Spreader
More results

Similar Description - EDGE142

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5172L MITSUBISHI-M5172L Datasheet
352Kb / 2P
   ZERO-CROSS POINT SWITCH
logo
Panasonic Semiconductor
AN6448NFBP PANASONIC-AN6448NFBP Datasheet
156Kb / 11P
   Speech Network IC Incorporating Cross-Point Switch
logo
New Japan Radio
NJU7370 NJRC-NJU7370 Datasheet
297Kb / 10P
   8 X 32 ANALOG CROSS POINT SWITCH
logo
Semtech Corporation
EDGE629 SEMTECH-EDGE629 Datasheet
114Kb / 16P
   1 GHz Timing Deskew and Quad Fanout Element
logo
DAICO Industries, Inc.
DSWX5034 DAICO-DSWX5034 Datasheet
40Kb / 1P
   (4x2) GaAs Switch Matrix
logo
Panasonic Semiconductor
AN6472NFBP PANASONIC-AN6472NFBP Datasheet
216Kb / 19P
   Cordless Telephone Speech Network IC Incorporating Cross-Point Switch
logo
ON Semiconductor
FSA8049 ONSEMI-FSA8049 Datasheet
774Kb / 10P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
August 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSA8049UCX FAIRCHILD-FSA8049UCX Datasheet
1Mb / 5P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
logo
Rohm
BU8241F ROHM-BU8241F Datasheet
215Kb / 11P
   Cross point mixer for telephones
logo
Renesas Technology Corp
8V54816A RENESAS-8V54816A Datasheet
1Mb / 27P
   16-Port, Bi-directional M-LVDS Clock Cross-Point Switch
October 27, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com