Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG05NSSMC Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # PG05NSSMC
Description  Single Line TVS Diode for ESD Protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PG05NSSMC Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  PG05NSSMC Datasheet HTML 1Page - KEC(Korea Electronics) PG05NSSMC Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 6. 8
2/2
PG05NSSMC
Revision No : 1
NON-REPETITIVE PEAK PULSE
POWER vs. PULSE TIME
PULSE DURATION tP (sec)
1.0ms
100
µs
1
10ms
0.1
µ
1.0
µ
10
µ
10
0.1
100
0
120
40
0
POWER DERATION CURVE
80
120
160
200
20
40
80
100
60
AMBIENT TEMPERATURE Ta ( C)
TIME (ms)
PULSE WAVEFORM
0
120
1
0
2345
20
40
80
100
60
PEAK VALUE
Ippm
td
HALF VALUE
Ipp/2
=10
µs


Similar Part No. - PG05NSSMC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05NSSMC KEC-PG05NSSMC_15 Datasheet
506Kb / 2P
   Single Line TVS Diode for ESD Protection
More results

Similar Description - PG05NSSMC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG24NSSMB KEC-PG24NSSMB Datasheet
508Kb / 2P
   Single Line TVS Diode for ESD Protection
PG12NSSMB KEC-PG12NSSMB Datasheet
438Kb / 2P
   Single Line TVS Diode for ESD Protection
PG22KSSMA KEC-PG22KSSMA_15 Datasheet
394Kb / 2P
   Single Line TVS Diode for ESD Protection
PG05MSSMA KEC-PG05MSSMA_15 Datasheet
484Kb / 2P
   Single Line TVS Diode for ESD Protection
PG24JSSMA KEC-PG24JSSMA Datasheet
350Kb / 2P
   Single Line TVS Diode for ESD Protection
PG24NSSMC KEC-PG24NSSMC Datasheet
506Kb / 2P
   Single Line TVS Diode for ESD Protection
PG05MSSMA KEC-PG05MSSMA Datasheet
51Kb / 2P
   Single Line TVS Diode for ESD Protection
PG22KSSMA KEC-PG22KSSMA Datasheet
394Kb / 2P
   Single Line TVS Diode for ESD Protection
PG24JSSMA KEC-PG24JSSMA Datasheet
395Kb / 2P
   Single Line TVS Diode for ESD Protection
PG24NSSMB KEC-PG24NSSMB Datasheet
438Kb / 2P
   Single Line TVS Diode for ESD Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com