Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG03DBTFC Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PG03DBTFC
Description  TVS Diode for ESD Protection in Portable Electronics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PG03DBTFC Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PG03DBTFC Datasheet HTML 1Page - KEC(Korea Electronics) PG03DBTFC Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 9. 10
1/2
SEMICONDUCTOR
TECHNICAL DATA
PG03DBTFC
TVS Diode for ESD
Protection in Portable Electronics
Revision No : 1
Protection in Portable Electronics Applications.
FEATURES
Transient protection for data lines to
IEC 61000-4-2(ESD) 15kV(Air), 8kV(Contact)
IEC 61000-4-4(EFT) 40A(tp=5/50ns)
IEC 61000-4-5(Lightning) 5A(tp=8/20 s)
Bidirectional Type Pin Configuration Structure.
Small package for use in portable electronics.
Suitable replacement for Multi-Layer Varistors in ESD protection applications.
Protects one I/O or power line.
Low clamping voltage.
Low leakage current.
APPLICATIONS
Cell phone handsets and accessories.
Cordless phone
Personal digital assistants (PDA s)
Notebooks, desktops, & servers.
Portable instrumentation.
MAXIMUM RATING (Ta=25
)
TFSC
DIM
MILLIMETERS
A
B
C
D
E
1.00 0.05
0.80+0.10/-0.05
0.60 0.05
0.30 0.05
0.40 MAX
CATHODE MARK
B
A
0.13 0.05
F
+
_
+
_
+
_
+
_
1. ANODE
2. ANODE
1
2
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Pulse Power (tp=8/20 s)
PPK
50
W
Junction Temperature
Tj
-55
150
Storage Temperature
Tstg
-55
150
Marking
21
21
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
-
3.3
V
Reverse Breakdown Voltage
VBR
It=1mA
4.2
-
6.2
V
Reverse Leakage Current
IR
VRWM=3.3V
-
-
20
A
Clamping Voltage
VC
IPP=5A, tp=8/20 s
-
-
17
V
Junction Capacitance
CJ
VR=0V, f=1MHz
-
-
25
pF


Similar Part No. - PG03DBTFC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG03DBTFC KEC-PG03DBTFC Datasheet
383Kb / 1P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBTFC KEC-PG03DBTFC_15 Datasheet
464Kb / 2P
   Protection in Portable Electronics
More results

Similar Description - PG03DBTFC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05DBVSC KEC-PG05DBVSC Datasheet
31Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05BAUSM KEC-PG05BAUSM_08 Datasheet
90Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05DBEL2 KEC-PG05DBEL2 Datasheet
465Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05DBTFC KEC-PG05DBTFC Datasheet
31Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05FBESC KEC-PG05FBESC Datasheet
394Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05TAVSM KEC-PG05TAVSM Datasheet
55Kb / 3P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC_07 Datasheet
437Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBTFC KEC-PG03DBTFC Datasheet
383Kb / 1P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC Datasheet
21Kb / 1P
   TVS Diode for ESD Protection in Portable Electronics
PG05DBVSC KEC-PG05DBVSC_07 Datasheet
510Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com