Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF1005UDF16 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PF1005UDF16
Description  ESD/EMI Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PF1005UDF16 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PF1005UDF16 Datasheet HTML 1Page - KEC(Korea Electronics) PF1005UDF16 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2009. 6. 4
1/2
SEMICONDUCTOR
TECHNICAL DATA
PF1005UDF16
ESD/EMI Filter
Revision No : 2
1,16 : Filter channel 1
2,15 : Filter channel 2
3,14 : Filter channel 3
4,13 : Filter channel 4
5,12 : Filter channel 5
6,11 : Filter channel 6
7,10 : Filter channel 7
8,9 : Filter channel 8
UDFN-16
MILLIMETERS
DIM
3.50
2.80
0.10
+
_
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
C
H
G
K
L
J
D
E
F
A
B
1.20
0.40
0.125
0.03+0.02/-0.03
0.20 Min
0.50
0.05
+
_
0.30
0.10
+
_
0.20
0.05
+
_
0.25
0.05
+
_
GND PAD
C
D
E
18
16
9
Pin 1
L
K
EQUIVALENT CIRCUIT
CHARACTERISTIC
SYMBOL
RATING
UNIT
DC Power Per Resistor
PR
100
mW
Power Dissipation
*PD
800
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55~150
* Total Package Power Dissipation
Type Name
Lot No.
T1
MARKING
ELECTRICAL CHARACTERISTICS (Ta=25℃)
5pF
5pF
100Ω
FILTERn*
FILTERn*
GND
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
-
5
V
Reverse Breakdown Voltage
VBR
It=1mA
6
-
-
V
Reverse Leakage Current
IR
VRWM=3.3V
-
-
1.0
μA
Cutoff Frequency
fc-3dB
VLine=0V, ZSOURCE=50Ω, ZLOAD=50Ω
-
300
-
MHz
Channel Resistance
RLINE
Between Input and Output
80
100
120
Line Capacitance
CLINE
VLine=0V DC, 1MHz, Between I/O Pins and GND
12
15
18
pF
VLine=2.5V, 1MHz, Between I/O Pins and GND
8
10
12
APPLICATION
・I/O ESD protection for mobile handsets, notebook, PDAs, etc.
・EMI filtering for data ports in cell phones, PDAs, notebook computers
・EMI filtering for LCD, camera and chip-to-chip data lines
FEATURES
・EMI/RFI filtering
・ESD Protection to IEC 61000-4-2 Level 4
・Low insertion loss
・Good attenuation of high frequency signals
・Low clamping voltage
・Low operating and leakage current
・Eight elements in one package
DESCRIPTION
PF1005UDF16 is an EMI filter array with electrostatic discharge (ESD) protection,
which integrates eight pi filters (C-R-C). These parts include ESD protection diodes on
every pin, providing a very high level of protection for sensitive electronic components
that may be subjected to electrostatic discharge.
The PF1005UDF16 provides the recommended line termination while implementing a
low pass filter to limit EMI levels and providing ESD protection which exceeds IEC
61000-4-2 level 4 standard. The UDFN package is a very effective PCB space
occupation and a very thin package (0.4mm Pitch, 0.5mm height)
MAXIMUM RATING (Ta=25℃)
RECOMMENEDED FOOTPRINT
(dimensions in mm)
0.32
0.20
1.35
0.35


Similar Part No. - PF1005UDF16

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PF1005UDF16B KEC-PF1005UDF16B Datasheet
38Kb / 2P
   ESD/EMI Filter
More results

Similar Description - PF1005UDF16

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PF1005UDF12 KEC-PF1005UDF12 Datasheet
38Kb / 2P
   ESD/EMI Filter
PF1015UDF16 KEC-PF1015UDF16 Datasheet
38Kb / 2P
   ESD/EMI Filter
PF2015UDF8 KEC-PF2015UDF8 Datasheet
39Kb / 2P
   ESD/EMI Filter
PF2015UDF16 KEC-PF2015UDF16 Datasheet
39Kb / 2P
   ESD/EMI Filter
PF1005UDF12B KEC-PF1005UDF12B Datasheet
38Kb / 2P
   ESD/EMI Filter
PF1010UDF12B KEC-PF1010UDF12B Datasheet
38Kb / 2P
   ESD/EMI Filter
PV1005UDF16B KEC-PV1005UDF16B Datasheet
38Kb / 2P
   ESD/EMI Filter
PV2015UDF12B KEC-PV2015UDF12B Datasheet
38Kb / 2P
   ESD/EMI Filter
PF1005UDF8B KEC-PF1005UDF8B_15 Datasheet
368Kb / 2P
   ESD/EMI Filter
PF2015UDF16 KEC-PF2015UDF16_15 Datasheet
368Kb / 2P
   ESD/EMI Filter
PF2015UDF12B KEC-PF2015UDF12B Datasheet
37Kb / 2P
   ESD/EMI Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com