Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5233B Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MMBZ5233B
Description  SILICON EPITAXIAL PLANAR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MMBZ5233B Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MMBZ5233B Datasheet HTML 1Page - KEC(Korea Electronics) MMBZ5233B Datasheet HTML 2Page - KEC(Korea Electronics) MMBZ5233B Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 6. 3
2/3
MMBZ5221B~5252B
Revision No : 1
ELECTRICAL CHARACTERISTICS (VF=0.9V MAX@IF=10mA for all types)
Note1) : Zener voltage is measured with a pulse test current (IZT) applied at an ambient temperature of 25℃.
TYPE No.
Zener Voltage (Note1)
Zener Impedance
Leakage Current
Vz (V)
@IZT
ZZT@IZT
ZZK@IZK
IR@VR
Min
Normal
Max
mA
mA
μA
V
MMBZ5221B
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMBZ5222B
2.37
2.5
2.63
20
30
1250
0.25
100
1
MMBZ5223B
2.56
2.7
2.84
20
30
1300
0.25
75
1
MMBZ5224B
2.66
2.8
2.94
20
30
1400
0.25
75
1
MMBZ5225B
2.85
3
3.15
20
29
1600
0.25
50
1
MMBZ5226B
3.13
3.3
3.47
20
28
1600
0.25
25
1
MMBZ5227B
3.42
3.6
3.78
20
24
1700
0.25
15
1
MMBZ5228B
3.70
3.9
4.10
20
23
1900
0.25
10
1
MMBZ5229B
4.08
4.3
4.52
20
22
2000
0.25
5
1
MMBZ5230B
4.46
4.7
4.94
20
19
1900
0.25
5
2
MMBZ5231B
4.84
5.1
5.36
20
17
1600
0.25
5
2
MMBZ5232B
5.32
5.6
5.88
20
11
1600
0.25
5
3
MMBZ5233B
5.70
6
6.30
20
7
1600
0.25
5
3.5
MMBZ5234B
5.89
6.2
6.51
20
7
1000
0.25
5
4
MMBZ5235B
6.46
6.8
7.14
20
5
750
0.25
3
5
MMBZ5236B
7.12
7.5
7.88
20
6
500
0.25
3
6
MMBZ5237B
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMBZ5238B
8.26
8.7
9.14
20
8
600
0.25
3
6.5
MMBZ5239B
8.64
9.1
9.56
20
10
600
0.25
3
7
MMBZ5240B
9.50
10
10.50
20
17
600
0.25
3
8
MMBZ5241B
10.40
11
11.55
20
22
600
0.25
2
8.4
MMBZ5242B
11.40
12
12.60
20
30
600
0.25
1
9.1
MMBZ5243B
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMBZ5244B
13.30
14
14.70
9
15
600
0.25
0.1
10
MMBZ5245B
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMBZ5246B
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMBZ5247B
16.15
17
17.85
7.4
19
600
0.25
0.1
13
MMBZ5248B
17.10
18
18.90
7
21
600
0.25
0.1
14
MMBZ5249B
18.05
19
19.95
6.6
23
600
0.25
0.1
14
MMBZ5250B
19.00
20
21.00
6.2
25
600
0.25
0.1
15
MMBZ5251B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
MMBZ5252B
22.80
24
25.20
5.2
33
600
0.25
0.1
18


Similar Part No. - MMBZ5233B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBZ5233B FAIRCHILD-MMBZ5233B Datasheet
204Kb / 6P
   Zeners
logo
Diodes Incorporated
MMBZ5233B DIODES-MMBZ5233B Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
logo
SeCoS Halbleitertechnol...
MMBZ5233B SECOS-MMBZ5233B Datasheet
84Kb / 5P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
Shanghai Lunsure Electr...
MMBZ5233B CHENYI-MMBZ5233B Datasheet
21Kb / 1P
   SURFACE MOUNT ZENER DIODES
logo
Pan Jit International I...
MMBZ5233B PANJIT-MMBZ5233B Datasheet
106Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMBZ5233B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com