Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B9446 Datasheet(PDF) 3 Page - EPCOS

Part # B9446
Description  SAW Rx Filter Cellular
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9446 Datasheet(HTML) 3 Page - EPCOS

  B9446 Datasheet HTML 1Page - EPCOS B9446 Datasheet HTML 2Page - EPCOS B9446 Datasheet HTML 3Page - EPCOS B9446 Datasheet HTML 4Page - EPCOS B9446 Datasheet HTML 5Page - EPCOS B9446 Datasheet HTML 6Page - EPCOS B9446 Datasheet HTML 7Page - EPCOS B9446 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
February 5, 2009
B9446
881.5 MHz
SAW Components
SAW Rx Filter
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
-30 ˚C to +85 ˚C
Terminating source impedance:
ZS =
50
Terminating load impedance:
ZL =
50
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
881.5
MHz
Maximum insertion attenuation
869.0 ...
894.0 MHz
α
max
1.2
1.5
dB
Amplitude ripple (p-p)
869.0 ...
894.0 MHz
∆α
0.6
1.0
dB
Input VSWR
869.0 ...
894.0 MHz
1.7
2.0
Output VSWR
869.0 ...
894.0 MHz
1.7
2.0
Attenuation
α
abs
10.0 ...
824.0 MHz
20
24
dB
824.0 ...
843.0 MHz
20
29
dB
843.0 ...
849.0 MHz
20
24
dB
1710.0 ... 1788.0 MHz
20
33
dB
1850.0 ... 1915.0 MHz
20
35
dB
2400.0 ... 2682.0 MHz
20
30
dB
3296.0 ... 3396.0 MHz
20
31
dB


Similar Part No. - B9446

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9441 EPCOS-B9441 Datasheet
102Kb / 8P
   SAW Tx Filter KPCS & UMTS 1700
B9443 EPCOS-B9443 Datasheet
94Kb / 9P
   SAW Tx filter AWS
B9444 EPCOS-B9444 Datasheet
83Kb / 8P
   SAW GPS filter
B9447 EPCOS-B9447 Datasheet
97Kb / 8P
   SAW filter Bluetooth
B9449 EPCOS-B9449 Datasheet
87Kb / 8P
   SAW RX filter WCDMA band VIII
More results

Similar Description - B9446

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9456 EPCOS-B9456 Datasheet
101Kb / 8P
   SAW RX filter GSM850 / WCDMA band V / Cellular
logo
TDK Electronics
B39202B5064U410 TDK-B39202B5064U410 Datasheet
252Kb / 12P
   SAW Rx filter
B39202B5072U410 TDK-B39202B5072U410 Datasheet
108Kb / 8P
   SAW Rx filter
B39881B4303F210 TDK-B39881B4303F210 Datasheet
134Kb / 10P
   SAW Rx filter
B39941B9853P810 TDK-B39941B9853P810 Datasheet
111Kb / 8P
   SAW Rx Filter
B39881B9851P810 TDK-B39881B9851P810 Datasheet
128Kb / 8P
   Saw Rx Filter
B39172B3832U410 TDK-B39172B3832U410 Datasheet
94Kb / 8P
   SAW Rx filter
B39881B4324P810 TDK-B39881B4324P810 Datasheet
99Kb / 8P
   SAW Rx Filter
B39941B4323P810 TDK-B39941B4323P810 Datasheet
151Kb / 10P
   SAW Rx filter
B39941B9845P810 TDK-B39941B9845P810 Datasheet
195Kb / 14P
   SAW Rx filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com