Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13256 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX13256
Description  36V H-Bridge Transformer Driver for Isolated Supplies Integrated System Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13256 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX13256 Datasheet HTML 1Page - Maxim Integrated Products MAX13256 Datasheet HTML 2Page - Maxim Integrated Products MAX13256 Datasheet HTML 3Page - Maxim Integrated Products MAX13256 Datasheet HTML 4Page - Maxim Integrated Products MAX13256 Datasheet HTML 5Page - Maxim Integrated Products MAX13256 Datasheet HTML 6Page - Maxim Integrated Products MAX13256 Datasheet HTML 7Page - Maxim Integrated Products MAX13256 Datasheet HTML 8Page - Maxim Integrated Products MAX13256 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
����������������������������������������������������������������� Maxim Integrated Products 3
MAX13256
36V H-Bridge Transformer
Driver for Isolated Supplies
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 8V to 36V, VEN = 0V, TA = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
Note 2: All units are production tested at TA = +25NC. Specifications over temperature are guaranteed by design.
Note 3: If VDD is greater than 27V, see the Snubber section.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ST1, ST2 Current Limit
ILIM
RLIM = 1000I
500
650
800
mA
RLIM = 3010I
165
215
265
ST1, ST2 Leakage Current
ILKG
VEN = 3.3V, VCLK = 0V,
VST1 = VST2 = 0V or VDD
-1
+1
F
A
LOGIC SIGNALS (CLK, EN, FAULT)
Input Logic-High Voltage
VIH
2
V
Input Logic-Low Voltage
VIL
0.8
V
Input Leakage Current
IIL
VCLK = VEN = 5.5V or 0V
-1
+1
F
A
FAULT Output Logic-Low
Voltage
VOL
IFAULT = 10mA
1
V
FAULT Leakage Current
ILKGF
VFAULT = 36V, FAULT deasserted
10
F
A
AC CHARACTERISTICS
Switching Frequency
fSW
VCLK = 0V, measured at ST1/ST2 outputs
255
425
700
kHz
CLK Input Frequency
fEXT
External clocking
200
2000
kHz
ST1/ST2 Duty Cycle
DTC
Internal or external clocking
49
50
51
%
ST1/ST2 Rise Time
tRISE
ST1/ ST2 = 20% to 80% of VDD, RL = 1kI,
CL = 50pF, Figure 1a
100
ns
ST1/ST2 Fall Time
tFALL
ST1/ST2 = 80% to 20% of VDD, RL = 1kI,
CL = 50pF, Figure 1a
100
ns
Crossover Dead Time
tDEAD
RL = 200I, Figure 1b
30
ns
Watchdog Timeout
tWDOG
20
32
55
F
s
Current-Limit Blanking Time
tBLANK
Figure 2
0.73
1.2
2.0
ms
Current-Limit Autoretry Time
tRETRY
Figure 2
23.4
38.4
64.0
ms
PROTECTION
Thermal-Shutdown Threshold
TSHDN
+160
N
C
Thermal-Shutdown Hysteresis
TSHDN_HYS
10
N
C


Similar Part No. - MAX13256

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13256 MAXIM-MAX13256 Datasheet
1Mb / 7P
   Full-Wave Rectified Output
Rev 0; 9/11
MAX13256EVKIT MAXIM-MAX13256EVKIT Datasheet
1Mb / 7P
   Full-Wave Rectified Output
Rev 0; 9/11
More results

Similar Description - MAX13256

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25256 MAXIM-MAX25256 Datasheet
550Kb / 16P
   Automotive, 36V H-Bridge Transformer Driver for Isolated Supplies
19-101087; Rev 0; 4/21
MAX256 MAXIM-MAX256_05 Datasheet
271Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 0; 8/05
MAX256 MAXIM-MAX256_12 Datasheet
218Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 1; 3/12
logo
Texas Instruments
SN6501-Q1 TI1-SN6501-Q1_14 Datasheet
964Kb / 34P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI-SN6501_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501 Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501-Q1 Transformer Driver for Isolated Power Supplies
SN6507 TI-SN6507 Datasheet
1Mb / 34P
[Old version datasheet]   SN6507 Low-Emission 36V Push-Pull Transformer Driver with Duty Cycle Control for Isolated Power Supplies
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com