Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13301 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13301
Description  4-Channel, Automotive Class D Audio Amplifier Feedback After the Filter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13301 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13301 Datasheet HTML 1Page - Maxim Integrated Products MAX13301 Datasheet HTML 2Page - Maxim Integrated Products MAX13301 Datasheet HTML 3Page - Maxim Integrated Products MAX13301 Datasheet HTML 4Page - Maxim Integrated Products MAX13301 Datasheet HTML 5Page - Maxim Integrated Products MAX13301 Datasheet HTML 6Page - Maxim Integrated Products MAX13301 Datasheet HTML 7Page - Maxim Integrated Products MAX13301 Datasheet HTML 8Page - Maxim Integrated Products MAX13301 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
4-Channel, Automotive Class D Audio Amplifier
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PVDD to PGND......................................................-0.3V to +30V
PVDD to PGND (t < 200ms)..................................-0.3V to +50V
PVDD Ramp Rate ........................................................... 25V/ms
VDD5, CM to PGND.................................................-0.3V to +6V
CP to PGND ........................(VPVDD - 0.3V) to (VCHOLD + 0.3V)
CHOLD to PVDD .....................................................-0.3V to +6V
OUT_ to PGND, FB_ to PGND ..............-0.3V to (VPVDD + 0.3V)
VDD to GND............................................................-0.3V to +6V
REF to GND.............................................................-0.3V to +6V
SCL, SDA, SYNC to GND........................................-0.3V to +6V
MUTE_CL1, CL0, FLT_OT, EN to GND...................-0.3V to +6V
IN_ to GND..............................................................-0.3V to +6V
GND to PGND ......................................................-0.3V to +0.3V
Continuous Power Dissipation (Notes 1 and 2)
TSSOP (derate 16.7mW/NC above 70NC)...............1333.3mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature Range........................... -40NC to +150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+240NC
TSSOP
Junction-to-Ambient Thermal Resistance (BJA) ..........60NC/W
Junction-to-Case Thermal Resistance (BJC) .................1NC/W
ELECTRICAL_CHARACTERISTICS
(VPVDD = 14.4V, VDD = VDD5 = 5V, VGND = VPGND = 0V, fSW = 500kHz, MAP.COMP[2:0] = (see Table 20 for applicable setting),
TA = -40NC to +125NC; typical values are at TA = +25NC, unless otherwise noted.) (Note 3)
ABSOLUTE_MAXIMUM_RATINGS
PACKAGE_THERMAL_CHARACTERISTICS_(Notes_1_and_2)
Note_1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Note_2: The 48-pin TSSOP-EPR package has a top side exposed pad for enhanced thermal management. Connect this exposed
pad to an external heatsink to ensure the device is adequately cooled. The maximum power dissipation in the device is a
function of this external heatsink and other system parameters. See the Thermal Information section for more information.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AMPLIFIER_DC_CHARACTERISTICS
Supply Voltage Range
VPVDD
8
25.5
V
Operational
6
VDD5
4.75
5
5.5
VDD
4.5
5
5.5
PVDD UVLO Threshold
Falling
5.2
5.35
5.6
V
PVDD OVLO Threshold
Rising
26
27
30
V
PVDD OVLO Response Timing
Rising
4
14
55
F
s
OUT_ and FB_ Voltage
OV active
VPVDD/2
V
VDD UV Threshold
Falling
4.2
4.35
V
Rising
4.5
4.6
VDD UV Threshold Hysteresis
0.1
0.2
V
VDD UV Threshold Deglitch
1
F
s
Quiescent Supply Current
IPVDD
RL = J
, play mode (CTRL2 = 0x0F)
70
F
A
IVDD5
60
72
mA
IVDD
50
75


Similar Part No. - MAX13301

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1330 MAXIM-MAX1330 Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
MAX1330BETL++ MAXIM-MAX1330BETL+ Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
More results

Similar Description - MAX13301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
logo
International Rectifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
IRAUDAMP8 IRF-IRAUDAMP8 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier Using the IRS2093M and IRF6665
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962 Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com