Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13330 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX13330
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13330 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX13330_11 Datasheet HTML 3Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 4Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 5Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 6Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 7Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 8Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 9Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 10Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
_______________________________________________________________________________________
7
Pin Description
Typical Operating Characteristics (continued)
(VDD = VCPVDD = 5V, VSGND = VPGND = 0V, C1 = C2 = 1µF, RL =
∞, gain = -1.5V/V, THD+N measurement bandwidth = 22Hz to 22kHz,
TA = +25°C, unless otherwise noted.)
PIN
NAME
FUNCTION
1
INL
Inverting Left-Channel Audio Input
2, 4
SGND
Amplifier Signal Ground. The noninverting inputs of the amplifiers are connected to the amplifier
signal ground. Connect both to the signal ground plane.
3
INR
Inverting Right-Channel Audio Input
5VDD
Amplifier Positive-Power Supply. Connect to positive supply. Bypass with a 1µF capacitor to
SGND as close to the pin as possible.
6
SHDN
Active-Low Shutdown Input
7
CPVDD
Charge-Pump Power Supply. Powers charge-pump inverter, charge-pump logic, and oscillator.
Connect to positive supply. Bypass with a 1µF capacitor to PGND as close to the pin as possible.
8
C1P
Flying-Capacitor Positive Terminal. Connect a 1µF capacitor between C1P and C1N.
9, 15
PGND
Power Ground. Connect both to the power ground plane.
10
C1N
Flying-Capacitor Negative Terminal. Connect a 1µF capacitor between C1P and C1N.
11
CPVSS
Charge-Pump Output. Connect to VSS and bypass with a 1µF capacitor to PGND.
12
DIAG
Diagnostic Voltage Output
13
OUTR
Right-Channel Output
14
VSS
Amplifier Negative Power Supply. Connect to CPVSS.
16
OUTL
Left-Channel Output
ENTERING SHUTDOWN TRANSIENT
MAX13330/31 toc27
200
μs/div
VOUTL
1V/div
VOUTR
1V/div
VSHDN
5V/div
POWER-UP/-DOWN TRANSIENT
MAX13330/31 toc28
10ms/div
VOUTL
1V/div
VOUTR
1V/div
VSHDN
5V/div


Similar Part No. - MAX13330_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13330GEE/V+T MAXIM-MAX13330GEE/V+T Datasheet
248Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13330GEE/V+T MAXIM-MAX13330GEE/V+T Datasheet
382Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX13330GEE/V+T MAXIM-MAX13330GEE/V+T Datasheet
1Mb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
MAX13330 MAXIM-MAX13330_09 Datasheet
382Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX13330 MAXIM-MAX13330_V01 Datasheet
1Mb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
More results

Similar Description - MAX13330_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13330 MAXIM-MAX13330_V01 Datasheet
1Mb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
MAX13330 MAXIM-MAX13330 Datasheet
248Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13330 MAXIM-MAX13330_09 Datasheet
382Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
   Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com