Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B8740 Datasheet(PDF) 5 Page - EPCOS

Part # B8740
Description  SAW band-stop filter ISDB-T
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8740 Datasheet(HTML) 5 Page - EPCOS

  B8740 Datasheet HTML 1Page - EPCOS B8740 Datasheet HTML 2Page - EPCOS B8740 Datasheet HTML 3Page - EPCOS B8740 Datasheet HTML 4Page - EPCOS B8740 Datasheet HTML 5Page - EPCOS B8740 Datasheet HTML 6Page - EPCOS B8740 Datasheet HTML 7Page - EPCOS B8740 Datasheet HTML 8Page - EPCOS B8740 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
September 22, 2010
B8740
832.0 / 911.5 MHz
SAW Components
SAW band–stop filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics (including losses in the matching network)
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
Matching network (element values depend on PCB layout)
min.
typ.
@ 25 ˚C
max.
Nominal center frequency
fN
832.0
911.5
MHz
Minimum insertion attenuation
α
min
470.00 ...
770.00 MHz
1.1
1.3
dB
Maximum insertion attenuation
α
max
470.00 ...
710.00 MHz
1.7
2.2
dB
710.00 ...
770.00 MHz
2.7
4.2
dB
Attenuation
α
90.00 ...
222.00 MHz
14.0
17.0
dB
824.00 ...
840.00 MHz
36.0
43.0
dB
898.00 ...
925.00 MHz
40.0
46.0
dB
1427.90 ... 1452.90 MHz
48.0
53.0
dB
1749.90 ... 1784.90 MHz
45.0
50.0
dB
1920.00 ... 1980.00 MHz
46.0
51.0
dB
Group delay ripple (p-p)
∆τ
470.00 ...
770.00 MHz
—6
ns
Ls1 = 22 nH
Lp2 = 36 nH
Ls3 = 16 nH
Cs4 = 0.7 pF
Q factor of inductors:
40 @ 770 MHz
Lp2
Ls1
Ls3
14
3
2
Cs4


Similar Part No. - B8740

ManufacturerPart #DatasheetDescription
logo
EPCOS
B8741 EPCOS-B8741 Datasheet
95Kb / 9P
   SAW band-stop filter ISDB-T
More results

Similar Description - B8740

ManufacturerPart #DatasheetDescription
logo
EPCOS
LP62A EPCOS-LP62A Datasheet
85Kb / 7P
   SAW band-stop filter ISDB-T
B8741 EPCOS-B8741 Datasheet
95Kb / 9P
   SAW band-stop filter ISDB-T
B8766 EPCOS-B8766 Datasheet
76Kb / 9P
   SAW band-stop filter DVB-H / DVB-T / ISDB-TB
B8763 EPCOS-B8763 Datasheet
78Kb / 9P
   SAW band-stop filter DVB-H, ISDB-TB
logo
TDK Electronics
B39901B1670B510 TDK-B39901B1670B510 Datasheet
133Kb / 7P
   SAW band-stop filter
B39901B1672B510 TDK-B39901B1672B510 Datasheet
120Kb / 7P
   SAW band-stop filter
logo
EPCOS
LP66A EPCOS-LP66A Datasheet
42Kb / 6P
   SAW band-stop filter
logo
TDK Electronics
B39232B3471H910 TDK-B39232B3471H910 Datasheet
100Kb / 8P
   SAW Components SAW band-stop filter
B39731B3473H910 TDK-B39731B3473H910 Datasheet
116Kb / 9P
   SAW Components SAW band-stop filter
B39162B3470H910 TDK-B39162B3470H910 Datasheet
120Kb / 9P
   SAW Components SAW band-stop filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com