Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39202B7955P810 Datasheet(PDF) 3 Page - EPCOS

Part # B39202B7955P810
Description  BAW/SAW Duplexer WCDMA Band II (PCS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39202B7955P810 Datasheet(HTML) 3 Page - EPCOS

  B39202B7955P810 Datasheet HTML 1Page - EPCOS B39202B7955P810 Datasheet HTML 2Page - EPCOS B39202B7955P810 Datasheet HTML 3Page - EPCOS B39202B7955P810 Datasheet HTML 4Page - EPCOS B39202B7955P810 Datasheet HTML 5Page - EPCOS B39202B7955P810 Datasheet HTML 6Page - EPCOS B39202B7955P810 Datasheet HTML 7Page - EPCOS B39202B7955P810 Datasheet HTML 8Page - EPCOS B39202B7955P810 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
February 1, 2010
B7955
1880.0 / 1960.0 MHz
SAW Components
BAW/SAW Duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –10 ˚C to +85 ˚C
ANT terminating impedance:
ZANT =50 Ω
RX terminating impedance:
ZRX = 100 Ω (balanced) || 15 nH
TX terminating impedance:
ZTX =50 Ω
Characteristics TX - ANT
min.
typ.
@ 25˚C
max.
Center frequency
fC
———
MHz
Maximum insertion attenuation
@fCarrier 1852.4 ... 1907.6MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (6).
2.3
3.0
dB
@fCarrier 1852.4 ... 1907.6MHz
α
WCDMA
1)
2.3
2.72)
2) Valid for reduced temperature range +10 ˚C to +40 ˚C.
dB
Amplitude ripple (p-p)
@fCarrier 1852.4 ... 1907.6MHz
α
WCDMA
1)
1.3
1.8
dB
Error Vector Magnitude
@fCarrier 1852.4 ... 1907.6MHz EVM3)
3) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
1.3
4.0
%
@fCarrier 1852.4 ... 1907.6MHz EVM3)
1.3
3.04)
4) Valid for reduced temperature range +10 ˚C to +85 ˚C.
%
Input VSWR (TX port)
1850.0
... 1910.0 MHz
1.8
2.3
Output VSWR (ANT port)
1850.0
... 1910.0 MHz
1.8
2.2
Attenuation
α
470.0
...
750.0 MHz
30
39
dB
1450.0
... 1480.0 MHz
30
35
dB
1570.0
... 1580.0 MHz
35
38
dB
1670.0
... 1675.0 MHz
30
41
dB
1770.0
... 1824.0 MHz
18
22
dB
1824.0
... 1830.0 MHz
10
22
dB
@fCarrier 1932.4 ... 1987.6MHz
α
WCDMA
1)
45
49
dB
2400.0
... 2500.0 MHz
24
29
dB
3700.0
... 3820.0 MHz
15
20
dB
3820.0
... 5150.0 MHz
9
15
dB
5150.0
... 5550.0 MHz
7
13
dB
5550.0
... 5730.0 MHz
7
12
dB


Similar Part No. - B39202B7955P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39202B7692A710 EPCOS-B39202B7692A710 Datasheet
122Kb / 11P
   BAW Duplexer WCDMA Band II
B39202B7853C710 EPCOS-B39202B7853C710 Datasheet
141Kb / 8P
   SAW filter 2017.5 MHz
More results

Similar Description - B39202B7955P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7692 EPCOS-B7692 Datasheet
122Kb / 11P
   BAW Duplexer WCDMA Band II
B9477 EPCOS-B9477 Datasheet
103Kb / 8P
   SAW Filter PCS / WCDMA band II
B9428 EPCOS-B9428 Datasheet
81Kb / 9P
   SAW Tx filter WCDMA Band II (PCS-Band)
B9459 EPCOS-B9459 Datasheet
110Kb / 9P
   SAW TX Filter PCS / WCDMA Band II
logo
TriQuint Semiconductor
TQM666017 TRIQUINT-TQM666017 Datasheet
296Kb / 1P
   3V PCS Band WCDMA PA-Duplexer-Module
logo
EPCOS
B7953 EPCOS-B7953 Datasheet
117Kb / 10P
   SAW duplexer WCDMA band VIII
B7675 EPCOS-B7675 Datasheet
193Kb / 11P
   SAW duplexer WCDMA Band VIII
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7403 AVAGO-ACMD-7403 Datasheet
1Mb / 11P
   Miniature UMTS Band II / PCS Duplexer
logo
EPCOS
B7676 EPCOS-B7676 Datasheet
189Kb / 14P
   SAW Duplexer WCDMA/LTE Band IX
B8553 EPCOS-B8553 Datasheet
226Kb / 16P
   SAW Duplexer Cellular / WCDMA Band V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com