Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-150 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # S-150
Description  150W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

S-150 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  S-150 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. S-150 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
S-150-5
S-150-7.5
S-150-9
S-150-12
S-150-13.5
S-150-15
S-150-24
S-150-27
S-150-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
Note.5
OVERVOLTAGE
ACCURRENT (Typ.)
5V
7.5V
9V
12V
13.5V
15V
24V
27V
48V
30A
20A
16.7A
12.5A
11.2A
10A
6.5A
5.6A
3.2A
0~30A
0~20A
0~16.7A
0~12.5A
0~11.2A
0~10A
0~6.5A
0~5.6A
0~3.2A
150W
150W
150.3W
150W
151.2W
150W
156W
151.2W
153.6W
150mVp-p
150mVp-p
180mVp-p
180mVp-p
180mVp-p
180mVp-p
240mVp-p
240mVp-p
240mVp-p
4.5~5.5V
6~8.3V
8~10.4V
10.6~13.2V 12~15V
13.5~16.5V 21~28V
24~30V
43~53V
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.3%
0.3%
0.3%
0.3%
0.3%
0.3%
0.3%
0.3%
0.2%
0.2%
0.2%
0.5%
0.5%
0.2%
0.2%
0.2%
100ms,50msatfullload
28msatfullload
88~132VAC/176~264VACselectedbyswitch248~370VDC
47~63Hz
78%
5.75~6.75V
80%
8.63~10.13V
80%
10.35~12.2V
82%
13.8~16.2V
83%
15.53~18.2V
84%
17.25~20.3V
85%
30~34.8V
86%
31.1~36.45V
87%
55.2~64.8V
3.2A/115VAC1.6A/230VAC
COLDSTART 35A
<3.5mA /240VAC
105~150% ratedoutputpower
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
286.7Khrsmin.MIL-HDBK-217F(25
)
199*110*50mm(L*W*H)
0.8Kg;16pcs/13.8Kg/0.95CUFT
FileName:S-150-SPEC2010-10-18
SAFETY STANDARDS
UL1012,UL60950-1, TUVEN60950-1,CCCGB4943approved
CompliancetoEN55022(CISPR22)ClassB
HARMONICCURRENT
EMSIMMUNITY
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,lightindustrylevel,criteria A
150WSingleOutputSwitchingPowerSupply
S - 1 5 0 series
AC input range selectable by switch
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 25KHz
2 years warranty
Features :
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. If the power supply is short-circuited under no load, it will recover automatically when short-circuit is removed.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)


Similar Part No. - S-150

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
S-150 MEANWELL-S-150 Datasheet
415Kb / 2P
   150W Single Output Switching Power Supply
S-150-12 MEANWELL-S-150-12 Datasheet
415Kb / 2P
   150W Single Output Switching Power Supply
S-150-13.5 MEANWELL-S-150-13.5 Datasheet
415Kb / 2P
   150W Single Output Switching Power Supply
S-150-15 MEANWELL-S-150-15 Datasheet
415Kb / 2P
   150W Single Output Switching Power Supply
S-150-24 MEANWELL-S-150-24 Datasheet
415Kb / 2P
   150W Single Output Switching Power Supply
More results

Similar Description - S-150

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
logo
Total Power Internation...
NES-150 TOTAL-POWER-NES-150 Datasheet
432Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com