Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-240-42 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-240-42
Description  240W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-240-42 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HLG-240-42 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-240-42 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-240-42 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-240-42 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-240-42 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-240-42 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ACInput TerminalPinNo. Assignment
DCOutput TerminalPinNo. Assignment
PinNo.
PinNo.
1
1
3
2
2
Assignment
Assignment
AC/L
+V
-V
AC/N
FG
DeratingCurve
StaticCharacteristics
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
305
100
90
80
70
60
50
40
DIM+
(B Type)
DIM-
Fosc:100KHz
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
PFC
CONTROL
BlockDiagram
AMBIENTTEMPERATURE(
)
-40
-25
-10
0
15
30
50
60
70
20
40
60
80
100
(HORIZONTAL)
230VAC
100VAC
CType:(HLG-240-_C)
Outputvoltageandconstantcurrentlevelcanbeadjustedthroughinternal
(Canaccessbyremovingtherubberstopperonthecase.)
potentiometer.
110.1
T case
Vo
ADJ.
Io
ADJ.
T case:Max.Case Temperature.
I/P
8
15.4
1
2
3
220.2
251
1
2
O/P
4.2 4PL
240WSingleOutputSwitchingPowerSupply
H L G - 2 4 0 series
FileName:HLG-240-SPEC 2011-07-28


Similar Part No. - HLG-240-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-240-42 MEANWELL-HLG-240-42 Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
HLG-240-42 MEANWELL-HLG-240-42 Datasheet
373Kb / 6P
   240W Single Output Switching Power Supply
HLG-240-42A MEANWELL-HLG-240-42A Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
HLG-240-42B MEANWELL-HLG-240-42B Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
HLG-240-42C MEANWELL-HLG-240-42C Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
More results

Similar Description - HLG-240-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240 Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
logo
Astrodyne Corporation
S-240 ASTRODYNE-S-240 Datasheet
330Kb / 2P
   240W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240H MEANWELL-HLG-240H_12 Datasheet
376Kb / 6P
   240W Single Output Switching Power Supply
S-240 MEANWELL-S-240 Datasheet
314Kb / 2P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
HLG-240 MEANWELL-HLG-240_12 Datasheet
373Kb / 6P
   240W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_11 Datasheet
343Kb / 6P
   240W Single Output Switching Power Supply
HBG-240 MEANWELL-HBG-240 Datasheet
3Mb / 4P
   240W Output Switching Power Supply
HVGC-240 MEANWELL-HVGC-240 Datasheet
129Kb / 6P
   240W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com