Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14780EESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX14780EESA
Description  5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14780EESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX14780EESA Datasheet HTML 5Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 6Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 7Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 8Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 9Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 10Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 11Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 12Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
_______________________________________________________________________________________ 9
+5.0V, ±30kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceiver
Pin Configuration
Pin Description
Function Tables
R
D
RO
DI
VCC
B
A
GND
8
7
6
5
1
+
2
3
4
SO/PDIP
RE
DE
PIN
NAME
FUNCTION
1
RO
Receiver Output. When RE is low and if (A - B) R -50mV, RO is high; if (A - B) P -200mV, RO is low.
2
RE
Receiver Output Enable. Drive RE low to enable RO; RO is high impedance when RE is high. Drive
RE high and DE low to enter low-power shutdown mode. RE is a hot-swap input (see the Hot-Swap
Capability section for details).
3
DE
Driver Output Enable. Drive DE high to enable driver outputs. These outputs are high impedance
when DE is low. Drive RE high and DE low to enter low-power shutdown mode. DE is a hot-swap
input (see the Hot-Swap Capability section for details).
4
DI
Driver Input. With DE high, a low on DI forces noninverting output low and inverting output high.
Similarly, a high on DI forces noninverting output high and inverting output low.
5
GND
Ground
6
A
Noninverting Receiver Input and Noninverting Driver Output
7
B
Inverting Receiver Input and Inverting Driver Output
8
VCC
Positive Supply VCC = +5.0V Q10%. Bypass VCC to GND with a 0.1FF capacitor.
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
B
A
X
1
1
0
1
X
1
0
1
0
0
0
X
High-Z
High-Z
1
0
X
Shutdown
RECEIVING
INPUTS
OUTPUTS
RE
DE
A-B
RO
0
X
R
-50mV
1
0
X
P
-200mV
0
0
X
Open/shorted
1
1
1
X
High-Z
1
0
X
Shutdown


Similar Part No. - MAX14780EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14780EESA MAXIM-MAX14780EESA Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 12/10
MAX14780EESA++ MAXIM-MAX14780EESA+ Datasheet
1Mb / 14P
   5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 3; 1/15
More results

Similar Description - MAX14780EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 12/10
MAX14780E MAXIM-MAX14780E_15 Datasheet
1Mb / 14P
   5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 3; 1/15
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX13085EEPA MAXIM-MAX13085EEPA Datasheet
2Mb / 14P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com