Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-100H-36 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-100H-36
Description  100W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-100H-36 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HLG-100H-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-100H-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-100H-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-100H-36 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-100H-36 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-100H-36 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
HLG-100H-20 A
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE Note.5
CURRENT ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.7
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(
.)
Typ
LEAKAGECURRENT
SAFETY STANDARDS Note.6
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
OVERVOLTAGE
OVERTEMPERATURE
Canbeadjusted byinternalpotentiometerorthroughoutputcable
2500ms,50ms
/115VAC;Btype2500ms,200msat95%load230VAC/115VAC
atfullload230VAC
16ms atfullload230VAC/115VAC
90~305VAC127~431VDC
47~63Hz
PF>0.98/115VAC,PF>0.95/230VAC,PF>0.93/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
1.2A /115VAC0.55A /230VAC0.5A /277VAC
COLDSTART 75A/230VAC
<0.75mA /277VAC
95~106%
Complianceto EN55015,EN55022(CISPR22)ClassB,EN61000-3-2ClassC(
60%load);EN61000-3-3
-40~+70
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
192.2Khrsmin.MIL-HDBK-217F(25
)
220*68*38.8mm(L*W*H)
100WSingleOutputSwitchingPowerSupply
Features :
H L G - 1 0 0 H series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
100
10
(RTH2)
Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
SHORTCIRCUIT
23~27V
28~34V
34~38V
41~46V
54~60V
47~53V
59~65V
93%
93%
93%
93%
93%
93%
93%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
0.5%
0.5%
1.0%
0.5%
0.5%
20V
HLG-100H-20
HLG-100H-30
HLG-100H-42
HLG-100H-54
HLG-100H-24
HLG-100H-36
HLG-100H-48
24V
30V
36V
48V
150mVp-p
17~22V
150mVp-p
22~27V
200mVp-p
27~33V
200mVp-p
33~40V
200mVp-p
43~53V
54V
200mVp-p
49~58V
42V
200mVp-p
38~46V
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
OCP point adjustable through output cable or internal potentiometer
IP67 / IP65 design for indoor or outdoor installations
Three in one dimming function (1~10Vdc or PWM signal or resistance)
Suitable for LED lighting and street lighting applications
Compliance to worldwide safety regulations for lighting
5 years warranty (Note.9)
Suitable for dry / damp / wet locations
High efficiency up to 93%
A : IP65 rated. Output voltage and constant current level can be adjusted through internal potentiometer.
B : IP67 rated. Constant current level adjustable through output cable with 1~10Vdc or 10V PWM signal or resistance.
Blank : IP67 rated. Cable for I/O connection.
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltages. Please check the static characteristics for more details.
5. Type A only.
6. Safety and EMC design refer to EN60598-1, CNS15233, GB7000.1, FCC part18.
7. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
8. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
9. Refer to warranty statement.
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61547,EN55024,heavyindustrylevel(surge4KV),criteria A
Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Shutdowno/pvoltagewithauto-recoveryorre-powerontorecovery
3~4.8A
2.5~4A
2~3.2A
1.65~2.65A
1.25~2A
1.1~1.77A
1.4~2.28A
4.8A
4A
3.2A
2.65A
2A
96W
96W
96W
95.4W
96W
1.77A
95.58W
2.28A
95.76W
1.12Kg;12pcs/14.4Kg/0.74CUFT
F
M
M
110
SELV
IP65 IP67
D (option) : IP67 rated. Timer dimming function, contact MEAN WELL for details.
EMCIMMUNITY
EMCEMISSION
UL8750, EN61347-1,EN61347-2-13independent
approved;DesignrefertoUL60950-1, TUVEN60950-1
,J61347-1,J61347-2-13, IP65orIP67
FileName:HLG-100H-SPEC2011-07-28


Similar Part No. - HLG-100H-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-100H-36 MEANWELL-HLG-100H-36 Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100H-36 MEANWELL-HLG-100H-36 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
HLG-100H-36 MEANWELL-HLG-100H-36 Datasheet
349Kb / 6P
   100W Single Output Switching Power Supply
HLG-100H-36A MEANWELL-HLG-100H-36A Datasheet
349Kb / 6P
   100W Single Output Switching Power Supply
HLG-100H-36B MEANWELL-HLG-100H-36B Datasheet
349Kb / 6P
   100W Single Output Switching Power Supply
More results

Similar Description - HLG-100H-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com