Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16929EGUIV Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16929EGUIV
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929EGUIV Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16929EGUIV Datasheet HTML 4Page - Maxim Integrated Products MAX16929EGUIV Datasheet HTML 5Page - Maxim Integrated Products MAX16929EGUIV Datasheet HTML 6Page - Maxim Integrated Products MAX16929EGUIV Datasheet HTML 7Page - Maxim Integrated Products MAX16929EGUIV Datasheet HTML 8Page - Maxim Integrated Products MAX16929EGUIV Datasheet HTML 9Page - Maxim Integrated Products MAX16929EGUIV Datasheet HTML 10Page - Maxim Integrated Products MAX16929EGUIV Datasheet HTML 11Page - Maxim Integrated Products MAX16929EGUIV Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
����������������������������������������������������������������� Maxim Integrated Products 8
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Typical Operating Characteristics (continued)
(VINA = 5V, VINB = 12V, measurements taken on “A” version, unless otherwise noted; VSH = 12V, VGH = 18V, VGL = -6V, VREG = 3.3V,
VOUTB = 5V, TA = +25NC, unless otherwise noted.)
LINE REGULATION (GH REGULATOR)
VCP VOLTAGE (V)
29
28
26 27
20 21 22 23 24 25
19
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
18
30
ILOAD = 10mA
ILOAD = 20mA
LOAD REGULATION (GH REGULATOR)
LOAD CURRENT (mA)
18
16
12 14
4
6
8 10
2
-3.6
-3.2
-2.6
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0
-4.0
0
20
SUPPLY SEQUENCING WAVEFORMS
(VSEQ = VINA)
MAX16929 toc17
VENP
5V/div
VSH
5V/div
VGH
5V/div
VGL
5V/div
VREG
5V/div
10ms/div
SUPPLY SEQUENCING WAVEFORMS
(VSEQ = 0V)
MAX16929 toc16
VENP
5V/div
VSH
5V/div
VGH
5V/div
VGL
5V/div
VREG
5V/div
10ms/div
LOAD-TRANSIENT RESPONSE (BOOST)
MAX16929 toc15
ISH
500mA/div
VSH
100mV/div
100µs/div
450mA
50mA
STARTUP WAVEFORMS (BOOST)
MAX16929 toc14
VENP
5V/div
VLXP
10V/div
VSH
10V/div
ILXP
1A/div
4ms/div


Similar Part No. - MAX16929EGUIV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16929EVKIT MAXIM-MAX16929EVKIT Datasheet
1Mb / 9P
   4.5V to 28V Input Range
Rev 0; 4/11
MAX16929EVKIT# MAXIM-MAX16929EVKIT# Datasheet
1Mb / 9P
   4.5V to 28V Input Range
Rev 0; 4/11
More results

Similar Description - MAX16929EGUIV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16928 MAXIM-MAX16928_12 Datasheet
2Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 1; 1/12
MAX16928 MAXIM-MAX16928 Datasheet
2Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 0; 7/11
MAX16929 MAXIM-MAX16929_12 Datasheet
2Mb / 25P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 2; 1/12
MAX16928 MAXIM-MAX16928_V01 Datasheet
1Mb / 20P
   Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
2013
MAX16927 MAXIM-MAX16927 Datasheet
1Mb / 36P
   Automotive TFT-LCD Power Supply with Boost, Buck, and Cuk Converters, VCOM Buffers, Gate Drivers, and SPI Interface
Rev 6; 5/18
logo
Rohm
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
   TFT-LCD Bias Boost Converter
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
   TFT-LCD Bias Boost Converter
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
   Automotive Grade TFT-LCD Power Supply
ISL78010 INTERSIL-ISL78010_11 Datasheet
694Kb / 19P
   Automotive Grade TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com