Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15006AASV Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15006AASV
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15006AASV Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15006AASV Datasheet HTML 3Page - Maxim Integrated Products MAX15006AASV Datasheet HTML 4Page - Maxim Integrated Products MAX15006AASV Datasheet HTML 5Page - Maxim Integrated Products MAX15006AASV Datasheet HTML 6Page - Maxim Integrated Products MAX15006AASV Datasheet HTML 7Page - Maxim Integrated Products MAX15006AASV Datasheet HTML 8Page - Maxim Integrated Products MAX15006AASV Datasheet HTML 9Page - Maxim Integrated Products MAX15006AASV Datasheet HTML 10Page - Maxim Integrated Products MAX15006AASV Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
_______________________________________________________________________________________
7
OUTPUT VOLTAGE NOISE
vs. OUTPUT CAPACITANCE
COUT (
μF)
14
12
810
46
2
15
30
45
60
75
90
105
120
135
150
0
022
18
16
20
MAX15006A/MAX15007A
IOUT = 25mA
CLAMPED LOAD DUMP
(IOUT = 0)
MAX15006 toc27
100ms/div
40V
VIN
13.5V
VOUT
AC-COUPLED
20mV/div
Typical Operating Characteristics (continued)
(VIN = 14V, CIN = 0.1μF, COUT = 2.2μF, VEN = VIN, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
MAX15006A/B
MAX15006C
MAX15007A/B
MAX15007C
TDFN
SO
TDFN
SO
TDFN
SO
TDFN
SO
NAME
FUNCTION
1, 2
1
1, 2
1
1, 2
1
1, 2
1
IN
Regulator Supply Input. Supply voltage ranges
from 4V to 40V. Bypass with a 0.1μF capacitor to
GND.
3
2, 3,
4, 6, 7
3
2, 3, 4,
6
2, 4, 6,
7
2, 4, 6
N.C.
No Connection. Not internally connected.
45454
545
GND
Ground
5, 6
8
6
8
5, 6
8
6
8
OUT
Regulator Output. Bypass OUT to GND with a
low-ESR capacitor with a minimum 2.2μF.
57
57
FB
Feedback Regulation Set-Point. Connect an
external resistive divider network from OUT to FB
to GND to adjust the output voltage from 1.8V to
10V.
————
3
3
3
3
EN
Active-High Enable Input. Force EN high (or
connect to VIN) to turn the regulator on. Pull EN
low (or leave unconnected) to place the device
in a low-power shutdown mode. EN is internally
pulled down to GND through a 0.5μA sink
current.
—————
———
EP
Exposed Pad. Internally connected to GND.
Connect EP to the ground plane for enhanced
thermal performance. Do not use EP as a
ground connection.


Similar Part No. - MAX15006AASV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006AASA MAXIM-MAX15006AASA Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 3; 12/10
MAX15006AASA++ MAXIM-MAX15006AASA+ Datasheet
313Kb / 15P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 0; 10/06
MAX15006AASA++ MAXIM-MAX15006AASA+ Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15006AASA++ MAXIM-MAX15006AASA+ Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
MAX15006AASA/V++ MAXIM-MAX15006AASA/V+ Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
More results

Similar Description - MAX15006AASV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006 MAXIM-MAX15006_09 Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15006 MAXIM-MAX15006_10 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 3; 12/10
MAX15006_1111 MAXIM-MAX15006_1111 Datasheet
314Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 5; 11/11
MAX15006 MAXIM-MAX15006 Datasheet
313Kb / 15P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 0; 10/06
MAX15006 MAXIM-MAX15006_13 Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
logo
Monolithic Power System...
MPQ2013-AEC1 MPS-MPQ2013-AEC1 Datasheet
509Kb / 13P
   40V, 150mA, Low Quiescent Current Linear Regulator without EN Pin, MPQ2013A-AEC1 with EN Pin
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com