Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15109EWP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15109EWP
Description  High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15109EWP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15109EWP Datasheet HTML 5Page - Maxim Integrated Products MAX15109EWP Datasheet HTML 6Page - Maxim Integrated Products MAX15109EWP Datasheet HTML 7Page - Maxim Integrated Products MAX15109EWP Datasheet HTML 8Page - Maxim Integrated Products MAX15109EWP Datasheet HTML 9Page - Maxim Integrated Products MAX15109EWP Datasheet HTML 10Page - Maxim Integrated Products MAX15109EWP Datasheet HTML 11Page - Maxim Integrated Products MAX15109EWP Datasheet HTML 12Page - Maxim Integrated Products MAX15109EWP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
High-Efficiency, 8A, Current-Mode Synchronous
Step-Down Switching Regulator with VID Control
_______________________________________________________________________________________ 9
Functional Diagram
10µA
MAX15109
SS
EN
FB
GROUND SENSE
BUFFER
ERROR
AMPLIFIER
COMP
0.58V
VID0
VID1
STRONG PREBIAS
FORCED_START
CK
SS BUFFER
C
RAMP
CK
OSCILLATOR
CONTROL
LOGIC
IN
IN
LX
LX
RAMP GEN
IN
CURRENT-SENSE
AMPLIFIER
HIGH-SIDE
CURRENT LIMIT
LOW-SIDE
SOURCE-SINK CURRENT LIMIT
AND ZERO-CROSSING
COMPARATOR
SINK
SOURCE
PGOOD
ZX
VPGT,
VPGH
POWER-GOOD
COMPARATOR
VOLTAGE
REFERENCE
VID
CONTROL
BIAS
GENERATOR
EN LOGIC, IN UVLO
THERMAL SHDN
SHDN
VREF
IN
INX
LX
PGND


Similar Part No. - MAX15109EWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15109EWP++ MAXIM-MAX15109EWP+ Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator with VID Control
2013
More results

Similar Description - MAX15109EWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
MAX15109 MAXIM-MAX15109_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator with VID Control
2013
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
MAX15058 MAXIM-MAX15058 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 12/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com