Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16974 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16974
Description  High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16974 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16974 Datasheet HTML 1Page - Maxim Integrated Products MAX16974 Datasheet HTML 2Page - Maxim Integrated Products MAX16974 Datasheet HTML 3Page - Maxim Integrated Products MAX16974 Datasheet HTML 4Page - Maxim Integrated Products MAX16974 Datasheet HTML 5Page - Maxim Integrated Products MAX16974 Datasheet HTML 6Page - Maxim Integrated Products MAX16974 Datasheet HTML 7Page - Maxim Integrated Products MAX16974 Datasheet HTML 8Page - Maxim Integrated Products MAX16974 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
________________________________________________________________ _Maxim Integrated Products_ _ 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
High-Voltage, 2.2MHz, 2A Automotive Step-
Down Converter with Low Operating Current
General Description
The MAX16974 is a 2A, current-mode, step-down con-
verter with an integrated high-side switch. It is designed
to operate with 3.5V to 28V input voltages, while using
only 35FA quiescent current at no load. The switching
frequency is adjustable from 220kHz to 2.2MHz by an
external resistor and can be synchronized to an external
clock. The output voltage is pin selectable to be 5V fixed
or 1V to 10V adjustable. The wide input voltage range
makes the device ideal for automotive and industrial
applications.
The device operates in skip mode for reduced current
consumption in light-load applications. An adjustable
reset threshold helps keep microcontrollers alive down to
their lowest specified input voltage. Protection features
include cycle-by-cycle current limit, overvoltage, and
thermal shutdown with automatic recovery. The device
also features a power-good monitor to ease power-
supply sequencing.
The device operates over the -40°C to +125°C auto-
motive temperature range and is available in a 16-pin
TSSOP-EP package.
Applications
Automotive
Industrial
Features
S
Wide_3.5V_to_28V_Input_Voltage_Range
S
42V_Input_Transient_Tolerance
S
5V_Fixed_or_1V_to_10V_Adjustable_Output_Voltage
S
Integrated_2A_Internal_High-Side_Switch
S
Adjustable_Switching_Frequency_(220kHz_to_
2.2MHz)
S
Operates_Through_Cold_Crank_with_High_Duty_
Cycle
S
Frequency_Synchronization_Input
S
Internal_Boost_Diode
S
35µA_Skip-Mode_Operating_Current
S
5µA_Typical_Shutdown_Current
S
Adjustable_Power-Good_Output_Level_and_Timing
S
3.3V_Logic_Level_to_42V_Compatible_Enable_Input
S
Current-Limit,_Thermal-Shutdown,_and_
Overvoltage_Protections
S
Automotive_Temperature_Range:_-40°C_to_+125°C
S
AEC-Q100_Qualified
19-5630; Rev 1; 7/11
Typical Application Circuit
Ordering Information
/V Denotes an automotive qualified part.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
EVALUATION
_KIT
AVAILABLE
PART
TEMP_RANGE
PIN-PACKAGE
MAX16974AUE/V+
-40NC to +125NC
16 TSSOP-EP*
MAX16974
D1
COUT
22µF
CIN2
4.7µF
CIN1
47µF
CCRES
100pF
RCOMP
20kI
RRES
10kI
RFOSC
12.1kI
L1
4.7µH
VOUT =
5V AT 2A
CBST
0.1µF
LX
BST
VOUT
PLACE CIN2 (4.7µF) AND CIN3 (0.1µF) NEXT TO SUP.
PLACE CIN4 (0.1µF) AND CIN5 (4.7µF) NEXT TO SUPSW.
OUT
VBIAS
VBAT
FB
RESETI
VBIAS
RES
FOSC
CRES
CBIAS
1µF
CCOMP2
OPEN
BIAS
CCOMP1
5600pF
COMP
FSYNC
EN
SUPSW
SUP
CIN3
0.1µF
CIN4
0.1µF
CIN5
4.7µF
GND


Similar Part No. - MAX16974

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16974 MAXIM-MAX16974 Datasheet
724Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/10
MAX16974 MAXIM-MAX16974 Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16974AUE/V++ MAXIM-MAX16974AUE/V+ Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16974EVKIT MAXIM-MAX16974EVKIT Datasheet
724Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/10
MAX16974EVKIT++ MAXIM-MAX16974EVKIT+ Datasheet
724Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/10
More results

Similar Description - MAX16974

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16974 MAXIM-MAX16974_V01 Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16952 MAXIM-MAX16952 Datasheet
1Mb / 24P
   36V, 2.2MHz Step-Down Controller with Low Operating Current
Rev 1; 10/12
MAX16975 MAXIM-MAX16975 Datasheet
2Mb / 17P
   28V, 1.2A Automotive Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16976 MAXIM-MAX16976 Datasheet
2Mb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16976 MAXIM-MAX16976_V01 Datasheet
761Kb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
2014
MAX16975 MAXIM-MAX16975_V01 Datasheet
789Kb / 17P
   28V, 1.2A Automotive Step-Down Converter with Low Operating Current
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com