Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34446ETLT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX34446ETLT
Description  PMBus Power-Supply Data Logger Calculates Power Consumption
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34446ETLT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX34446ETLT Datasheet HTML 1Page - Maxim Integrated Products MAX34446ETLT Datasheet HTML 2Page - Maxim Integrated Products MAX34446ETLT Datasheet HTML 3Page - Maxim Integrated Products MAX34446ETLT Datasheet HTML 4Page - Maxim Integrated Products MAX34446ETLT Datasheet HTML 5Page - Maxim Integrated Products MAX34446ETLT Datasheet HTML 6Page - Maxim Integrated Products MAX34446ETLT Datasheet HTML 7Page - Maxim Integrated Products MAX34446ETLT Datasheet HTML 8Page - Maxim Integrated Products MAX34446ETLT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
����������������������������������������������������������������� Maxim Integrated Products  3
MAX34446
PMBus Power-Supply Data Logger
DCELECTRICALCHARACTERISTICS(continued)
(VDD = 2.7V to 5.5V, TA = -40NC to +105NC, unless otherwise noted. Typical values are at VDD = 3.3V, TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC Full-Scale Voltage
TA
= +25NC
1.22
1.225
1.23
V
ADC Full-Scale Temperature Drift
TA = -40NC to +105NC
-0.6
+0.6
%
ADC Measurement Resolution
VLSB
300
F
V
ADC Bit Resolution
12
Bits
RS+ Input Resistance
RIN
15
MI
ADC Integral Nonlinearity
INL
Q
4
LSB
ADC Differential Nonlinearity
DNL
Q
1
LSB
ADC Offset
VOFFSET
Q
2
LSB
Internal Temperature
Measurement Error
TA = -40NC to +85NC
-3
+3
N
C
TA = -40NC to +105NC
-3.5
+3.5
Remote Temperature
Measurement Error
(MAX3446 Error Only)
TA = 0NC to +60NC,
TDIODE = +60NC to +120NC
-1.5
+1.5
N
C
TA = 0NC to +60NC,
TDIODE = -45NC to +120NC
-1.75
+1.75
TA = -40NC to +105NC,
TDIODE = -45NC to +120NC
-3.5
+3.5
SYNC Frequency Range
20
500
kHz
SYNC Duty Cycle
40
50
60
%
Store Default All Time
37
ms
Nonvolatile Log Write Time
12
ms
Nonvolatile Log Delete Time
750
ms
Flash Endurance
NFLASH
TA = +50NC
20,000
Write
Cycles
Data Retention
TA = +50NC
100
Years
Current or Voltage Sample Rate
500
F
s
Temperature Sample Rate
Per temperature sensor
1000
ms
Device Startup Time
Measurement from POR until monitoring
begins
12
ms


Similar Part No. - MAX34446ETLT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34446 MAXIM-MAX34446_12 Datasheet
1Mb / 36P
   PMBus Power-Supply Data Logger
Rev 2; 9/12
More results

Similar Description - MAX34446ETLT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34446 MAXIM-MAX34446_12 Datasheet
1Mb / 36P
   PMBus Power-Supply Data Logger
Rev 2; 9/12
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 0; 9/10
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
TT Electronics.
DS6003 TTELEC-DS6003 Datasheet
310Kb / 2P
   Compact Data Logger
logo
Agilent(Hewlett-Packard...
34830A HP-34830A Datasheet
330Kb / 4P
   BenchLink Data Logger Pro
logo
Vaisala
DL1700 VAISALA-DL1700 Datasheet
249Kb / 2P
   DL1700 Thermocouple Data Logger
logo
TT Electronics.
DS7000 TTELEC-DS7000 Datasheet
311Kb / 2P
   Universal Data Logger
logo
Pico Technology Ltd.
CM3 PICO-CM3 Datasheet
6Mb / 9P
   Current data logger
logo
List of Unclassifed Man...
PP222 ETC-PP222 Datasheet
374Kb / 2P
   THERMOCOUPLE DATA LOGGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com