Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX98089EWYT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX98089EWYT
Description  Low-Power, Stereo Audio Codec with FlexSound Technology 93dB DR Stereo ADC
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98089EWYT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX98089EWYT Datasheet HTML 2Page - Maxim Integrated Products MAX98089EWYT Datasheet HTML 3Page - Maxim Integrated Products MAX98089EWYT Datasheet HTML 4Page - Maxim Integrated Products MAX98089EWYT Datasheet HTML 5Page - Maxim Integrated Products MAX98089EWYT Datasheet HTML 6Page - Maxim Integrated Products MAX98089EWYT Datasheet HTML 7Page - Maxim Integrated Products MAX98089EWYT Datasheet HTML 8Page - Maxim Integrated Products MAX98089EWYT Datasheet HTML 9Page - Maxim Integrated Products MAX98089EWYT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 131 page
background image
����������������������������������������������������������������� Maxim Integrated Products 6
MAX98089
Low-Power, Stereo Audio Codec
with FlexSound Technology
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VAVDD = VPVDD = VDVDD = VDVDDS1 = VDVDDS2 = 1.8V, VSPKLVDD = VSPKRVDD = 3.7V. Speaker loads (ZSPK) connected between
SPK_P and SPK_N. Receiver load (RREC) connected between RECP and RECN. Headphone loads (RHP) connected from HPL or HPR
to HPGND. Line out loads (RLOUT) connected from LOUTL or LOUTR to SPKLGND. RLOAD = RHP = J, RREC = J, ZSPK = J, CREF =
2.2FF, CMICBIAS = CREG = 1FF, CC1N-C1P = 1FF, CHPVDD = CHPVSS = 1FF. AVMICPRE_ = +20dB, AVMICPGA_ = 0dB, AVDACATTN =
0dB, AVDACGAIN = 0dB, AVADCLVL = 0dB, AVADCGAIN = 0dB, AVPGAIN_ = 0dB, AVHP_ = 0dB, AVREC = 0dB, AVSPK_ = 0dB, MCLK
= 12.288MHz, LRCLK = 48kHz, MAS = 0. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
(Voltages with respect to AGND.)
DVDD, AVDD, PVDD, HPVDD..............................-0.3V to +2.2V
SPKLVDD, SPKRVDD, DVDDS1, DVDDS2 ..........-0.3V to +6.0V
DGND, HPGND, SPKLGND, SPKRGND..............-0.1V to +0.1V
HPVSS ............................... (HPGND - 2.2V) to (HPGND + 0.3V)
C1N .................................... (HPVSS - 0.3V) to (HPGND + 0.3V)
C1P.....................................(HPGND - 0.3V) to (HPVDD + 0.3V)
REF, MICBIAS ................................. -0.3V to (SPKLVDD + 0.3V)
MCLK, SDINS1, SDINS2, JACKSNS,
SDA, SCL, IRQ .................................................-0.3V to +6.0V
LRCLKS1, BCLKS1, SDOUTS1......... -0.3V to (DVDDS1 + 0.3V)
LRCLKS2, BCLKS2, SDOUTS2......... -0.3V to (DVDDS2 + 0.3V)
REG, INA1/EXTMICP, INA2/EXTMICN, INB1, INB2,
MIC1P/DIGMICDATA, MIC1N/DIGMICCLK,
MIC2P, MIC2N..................................................-0.3V to +2.2V
HPSNS............................... (HPGND - 0.3V) to (HPGND + 0.3V)
HPL, HPR ............................ (HPVSS - 0.3V) to (HPVDD + 0.3V)
RECP/LOUTL/RXINP, RECP/LOUTR/
RXINN.....................(SPKLGND - 0.3V) to (SPKLVDD + 0.3V)
SPKLP, SPKLN ...........(SPKLGND - 0.3V) to (SPKLVDD + 0.3V)
SPKRP, SPKRN .........(SPKRGND - 0.3V) to (SPKRVDD + 0.3V)
Continuous Power Dissipation (TA = +70NC)
63-Bump WLP (derate 25.6mW/NC above +70NC)........2.05W
56-Pin TQFN (derate 40mW/NC above +70NC) ...............3.2W
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -65NC to +150NC
Soldering Temperature (reflow) ......................................+260NC
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage Range
Guaranteed by PSRR
VSPKLVDD, VSPKRVDD
2.8
5.5
V
VDVDD, VAVDD, VPVDD
1.65
1.8
2
VDVDDS1, VDVDDS2
1.65
3.6
Total Supply Current
(Notes 2 and 3)
IVDD
Full-duplex 8kHz mono,
receiver output, MAS = 1
Analog
4.5
8
mA
Speaker
1.6
2.3
Digital
1.3
2
DAC playback 48kHz
stereo, headphone
outputs, MAS = 1
Analog
1.9
3
Speaker
0.001 0.0058
Digital
2.47
3.5
DAC playback 48kHz
stereo, speaker outputs,
MAS = 1
Analog
3.6
6.5
Speaker
6.41
8.5
Digital
2.49
3.5
Shutdown Supply Current
(Note 2)
TA = +25NC
Analog
0.2
2
F
A
Speaker
0.01
1
Digital
1
5
REF Voltage
2.5
V
REG Voltage
0.79
V
Shutdown to Full Operation
VSEN = 0
30
ms
VSEN = 1
17


Similar Part No. - MAX98089EWYT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98089EWY+T MAXIM-MAX98089EWY+T Datasheet
11Mb / 131P
   Low-Power, Stereo Audio Codec with FlexSound Technology
Rev 1; 3/12
MAX98089EWY+T MAXIM-MAX98089EWY+T Datasheet
7Mb / 133P
   Low-Power, Stereo Audio Codec with FlexSound Technology
19-5865; Rev 2; 11/18
More results

Similar Description - MAX98089EWYT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98088 MAXIM-MAX98088 Datasheet
11Mb / 123P
   Stereo Audio Codec with FLEXSOUND Technology
Rev 0; 6/10
MAX98089 MAXIM-MAX98089_12 Datasheet
11Mb / 131P
   Low-Power, Stereo Audio Codec with FlexSound Technology
Rev 1; 3/12
MAX98089 MAXIM-MAX98089_V01 Datasheet
7Mb / 133P
   Low-Power, Stereo Audio Codec with FlexSound Technology
19-5865; Rev 2; 11/18
MAX9888 MAXIM-MAX9888 Datasheet
10Mb / 115P
   Stereo Audio CODEC with FLEXSOUND Technology
Rev 0; 6/10
MAX98088 MAXIM-MAX98088_V01 Datasheet
11Mb / 123P
   Stereo Audio Codec with FlexSound Technology
19-5335; Rev 1; 6/11
MAX9888 MAXIM-MAX9888_V01 Datasheet
10Mb / 115P
   Stereo Audio CODEC with FlexSound Technology
19-5235; Rev 1; 2/11
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com