Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX44260AXT Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX44260AXT
Description  1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps 500fA Low Input Bias Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44260AXT Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX44260AXT Datasheet HTML 4Page - Maxim Integrated Products MAX44260AXT Datasheet HTML 5Page - Maxim Integrated Products MAX44260AXT Datasheet HTML 6Page - Maxim Integrated Products MAX44260AXT Datasheet HTML 7Page - Maxim Integrated Products MAX44260AXT Datasheet HTML 8Page - Maxim Integrated Products MAX44260AXT Datasheet HTML 9Page - Maxim Integrated Products MAX44260AXT Datasheet HTML 10Page - Maxim Integrated Products MAX44260AXT Datasheet HTML 11Page - Maxim Integrated Products MAX44260AXT Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
����������������������������������������������������������������� Maxim Integrated Products 8
MAX44260/MAX44261
1.8V 15MHz Low-Offset,
Low-Power, Rail-to-Rail I/O Op Amps
Typical Operating Characteristics (continued)
(VDD = 3.3V, VSS = 0V, VIN+ = VIN- = VDD/2, RL = 10kI to VDD/2, VCAL = VSHDN = VDD, TA = -40NC to +125NC. Typical values are at
TA = +25NC, unless otherwise noted. All devices are 100% production tested at TA = +25NC. Temperature limits are guaranteed by design.)
PERCENT OVERSHOOT
vs. LOAD RESISTANCE (VIN = 100mVP-P)
LOAD RESISTANCE (I)
10k
1k
2
4
6
8
10
12
14
16
18
20
0
100
100k
POWER-UP TIME
MAX44260 toc28
VCC
2V/div
OUTPUT
500mV/div
GND
GND
4ms/div
TURN-ON TIME FROM SHUTDOWN
MAX44260 toc29
OUTPUT
500mV/div
VSS
VSS
4µs/div
SHDN
2V/div
STABILITY vs. CAPACITIVE LOAD
AND ISOLATION RESISTANCE
CAPACITIVE LOAD (pF)
3500
3000
2000 2500
1000 1500
500
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
0
4000
STABLE
UNSTABLE
STABILITY vs. CAPACITIVE
AND RESISTIVE LOAD
CAPACITIVE LOAD (pF)
10k
1k
10
100
1k
10k
100k
1
100
100k
STABLE
UNSTABLE


Similar Part No. - MAX44260AXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44260AXT++ MAXIM-MAX44260AXT+ Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 1; 8/11
MAX44260AXT++ MAXIM-MAX44260AXT+ Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 4; 7/12
MAX44260AXT++ MAXIM-MAX44260AXT+ Datasheet
1,007Kb / 14P
   1.8V, 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
2019
More results

Similar Description - MAX44260AXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44260_1108 MAXIM-MAX44260_1108 Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 1; 8/11
MAX44260 MAXIM-MAX44260_12 Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2; 2/12
MAX44260_V4 MAXIM-MAX44260_V4 Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 4; 7/12
MAX44259 MAXIM-MAX44259_V01 Datasheet
1,007Kb / 14P
   1.8V, 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
2019
MAX44280 MAXIM-MAX44280 Datasheet
2Mb / 16P
   1.8V, 50MHz, Low-Offset, Low-Power, Rail-to-Rail I/O Op Amp
Rev 1; 4/12
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
National Semiconductor ...
LMV301 NSC-LMV301 Datasheet
624Kb / 19P
   Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Texas Instruments
OPA191 TI1-OPA191_17 Datasheet
3Mb / 49P
[Old version datasheet]   Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
logo
National Semiconductor ...
LMV301 NSC-LMV301_14 Datasheet
1Mb / 26P
   LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Texas Instruments
LMV301 TI1-LMV301 Datasheet
1Mb / 27P
[Old version datasheet]   LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com