Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX98306 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX98306
Description  Stereo 3.7W Class D Amplifier Spread-Spectrum Modulation and Active Emissions Limiting
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98306 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX98306 Datasheet HTML 3Page - Maxim Integrated Products MAX98306 Datasheet HTML 4Page - Maxim Integrated Products MAX98306 Datasheet HTML 5Page - Maxim Integrated Products MAX98306 Datasheet HTML 6Page - Maxim Integrated Products MAX98306 Datasheet HTML 7Page - Maxim Integrated Products MAX98306 Datasheet HTML 8Page - Maxim Integrated Products MAX98306 Datasheet HTML 9Page - Maxim Integrated Products MAX98306 Datasheet HTML 10Page - Maxim Integrated Products MAX98306 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
_______________________________________________________________________________________ 7
Stereo 3.7W Class D Amplifier
Typical Operating Characteristics (continued)
(VPVDD = VSHDN = 5.0V, VPGND = 0V, AV = 12dB, RL = J, RL connected between OUT_+ to OUT_-, 20Hz to 22kHz AC measurement
bandwidth, TA = +25NC, unless otherwise noted.)
IN-BAND vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-120
-100
-80
-60
-40
-20
0
-140
10
100k
STARTUP RESPONSE
MAX98306 toc23
TIME (1ms/div)
SHDN
2V/div
OUTL
OUTR
SHUTDOWN RESPONSE
MAX98306 toc24
TIME (1ms/div)
SHDN
2V/div
OUTL
OUTR


Similar Part No. - MAX98306

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98306 MAXIM-MAX98306 Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier
Rev 1; 8/11
MAX98306 MAXIM-MAX98306 Datasheet
1Mb / 7P
   2.6V to 5.5V Single-Supply Operation
19-5982; Rev 0; 7/11
MAX98306ETD++ MAXIM-MAX98306ETD+ Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier
Rev 1; 8/11
MAX98306EVKIT MAXIM-MAX98306EVKIT Datasheet
1Mb / 7P
   2.6V to 5.5V Single-Supply Operation
19-5982; Rev 0; 7/11
MAX98306EVKIT# MAXIM-MAX98306EVKIT# Datasheet
1Mb / 7P
   2.6V to 5.5V Single-Supply Operation
19-5982; Rev 0; 7/11
More results

Similar Description - MAX98306

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98306_1108 MAXIM-MAX98306_1108 Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier
Rev 1; 8/11
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
   12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9708 MAXIM-MAX9708 Datasheet
781Kb / 24P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
   25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
MAX9741 MAXIM-MAX9741_V01 Datasheet
1Mb / 16P
   12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
   25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
logo
National Semiconductor ...
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520 TI1-LM48520_14 Datasheet
805Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Maxim Integrated Produc...
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
   6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com