Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39881B7671A710 Datasheet(PDF) 2 Page - EPCOS

Part # B39881B7671A710
Description  SAW Duplexer Cellular / WCDMA band V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39881B7671A710 Datasheet(HTML) 2 Page - EPCOS

  B39881B7671A710 Datasheet HTML 1Page - EPCOS B39881B7671A710 Datasheet HTML 2Page - EPCOS B39881B7671A710 Datasheet HTML 3Page - EPCOS B39881B7671A710 Datasheet HTML 4Page - EPCOS B39881B7671A710 Datasheet HTML 5Page - EPCOS B39881B7671A710 Datasheet HTML 6Page - EPCOS B39881B7671A710 Datasheet HTML 7Page - EPCOS B39881B7671A710 Datasheet HTML 8Page - EPCOS B39881B7671A710 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
September 23, 2009
B7671
836.50 / 881.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Application
s
Multimode SAW duplexer for mobile telephone
Cellular / WCDMA Band V systems
s
Low insertion attenuation
s
Low amplitude ripple
s
Single ended to balanced transformation
in Antenna - Rx path
s
Impedance transformation 50
Ω to 100Ω
in Antenna - Rx path
Features
s
Package size 2.5 x 2.0 x 0.68 mm3
s
RoHS compatible
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
bottom view
side view
top view
2.5
7
5
1
9
0.55
0.4
0.9
3
2
6
Pin configuration
s
3
TX Input
s
1, 8
RX Output (balanced)
s
6
Antenna
s
2, 4, 5, 7, 9
To be grounded
4,5,9
1
3
8
2,7
6


Similar Part No. - B39881B7671A710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39881B7670A710 EPCOS-B39881B7670A710 Datasheet
182Kb / 13P
   SAW Duplexer Cellular / WCDMA band V
More results

Similar Description - B39881B7671A710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B8553 EPCOS-B8553 Datasheet
226Kb / 16P
   SAW Duplexer Cellular / WCDMA Band V
B7670 EPCOS-B7670 Datasheet
182Kb / 13P
   SAW Duplexer Cellular / WCDMA band V
B7923 EPCOS-B7923 Datasheet
347Kb / 16P
   SAW Duplexer Cellular / WCDMA Band V
B7669 EPCOS-B7669 Datasheet
182Kb / 13P
   SAW Duplexer Cellular / WCDMA band V
B9438 EPCOS-B9438 Datasheet
96Kb / 9P
   SAW TX Filter Cellular / WCDMA Band V
B7953 EPCOS-B7953 Datasheet
117Kb / 10P
   SAW duplexer WCDMA band VIII
B7675 EPCOS-B7675 Datasheet
193Kb / 11P
   SAW duplexer WCDMA Band VIII
B7676 EPCOS-B7676 Datasheet
189Kb / 14P
   SAW Duplexer WCDMA/LTE Band IX
B7680 EPCOS-B7680 Datasheet
163Kb / 12P
   SAW Duplexer WCDMA Band IV (AWS)
B9456 EPCOS-B9456 Datasheet
101Kb / 8P
   SAW RX filter GSM850 / WCDMA band V / Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com