Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5151 Datasheet(PDF) 8 Page - EPCOS

Part # B5151
Description  SAW RF filter TETRA
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5151 Datasheet(HTML) 8 Page - EPCOS

Back Button B5151 Datasheet HTML 4Page - EPCOS B5151 Datasheet HTML 5Page - EPCOS B5151 Datasheet HTML 6Page - EPCOS B5151 Datasheet HTML 7Page - EPCOS B5151 Datasheet HTML 8Page - EPCOS B5151 Datasheet HTML 9Page - EPCOS B5151 Datasheet HTML 10Page - EPCOS B5151 Datasheet HTML 11Page - EPCOS B5151 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
September 27, 2010
B5151
390.00 / 415.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Sample data
Characteristics of Filter 2
Temperature range for specification:
T = -30 to +70˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 50 Ω
LV69B 1)
1) Values in columns min, typ and max indicate the development status of the current version.
DGL 2)
2) Values in column DesignGoal (DGL) indicate the target performance.
min.
typ.
@ 25 ˚C
max.
min./
max.
Center frequency
fC
415.0
MHz
Maximum insertion attenuation
α
max
400.0
...
430.0
MHz
2.2
2.7
dB
Amplitude ripple (p-p)
∆α
400.0
...
430.0
MHz
0.8
1.3
dB
Input VSWR
400.0
...
430.0
MHz
1.7
2.1
Output VSWR
400.0
...
430.0
MHz
1.7
2.0
Attenuation
α
10.0
...
345.0
MHz
25
29
dB
345.0
...
390.0
MHz
9
11
dB
440.0
...
470.0
MHz
4
7
dB
470.0
...
480.0
MHz
25
30
dB
480.0
...
561.0
MHz
27
34
dB
561.0
...
593.0
MHz
28
31
dB
593.0
...
950.0
MHz
21
23
dB
950.0
... 2000.0
MHz
13
16
dB
2000.0
... 2500.0
MHz
5
8
dB


Similar Part No. - B5151

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
B5150 CTC-B5150 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
B5150 CTC-B5150 Datasheet
95Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
B5150B CTC-B5150B Datasheet
66Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
B5150B CHENDA-B5150B Datasheet
539Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B5150C CHENDA-B5150C Datasheet
535Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B5151

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5073 EPCOS-B5073 Datasheet
52Kb / 7P
   SAW RF filter TETRA
B5074 EPCOS-B5074 Datasheet
52Kb / 7P
   SAW RF filter TETRA
B5132 EPCOS-B5132 Datasheet
91Kb / 8P
   SAW filter TETRA
B5053 EPCOS-B5053 Datasheet
83Kb / 8P
   SAW Rx filter TETRA
B5052 EPCOS-B5052 Datasheet
87Kb / 8P
   SAW Rx filter TETRA
B5055 EPCOS-B5055 Datasheet
86Kb / 8P
   SAW Rx filter TETRA
B5054 EPCOS-B5054 Datasheet
108Kb / 8P
   SAW Rx filter TETRA
logo
TDK Electronics
B39871B3440U410 TDK-B39871B3440U410 Datasheet
139Kb / 8P
   SAW RF filter
logo
Raltron Electronics Cor...
RSF-110.592-560-7050-TR RALTRON-RSF-110.592-560-7050-TR Datasheet
293Kb / 3P
   RF SAW FILTER
RSF-110.592-280-7050-TR RALTRON-RSF-110.592-280-7050-TR Datasheet
220Kb / 3P
   RF SAW FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com