Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39182B4235H910 Datasheet(PDF) 6 Page - EPCOS

Part # B39182B4235H910
Description  SAW RF filter Automotive telematics
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39182B4235H910 Datasheet(HTML) 6 Page - EPCOS

Back Button B39182B4235H910 Datasheet HTML 2Page - EPCOS B39182B4235H910 Datasheet HTML 3Page - EPCOS B39182B4235H910 Datasheet HTML 4Page - EPCOS B39182B4235H910 Datasheet HTML 5Page - EPCOS B39182B4235H910 Datasheet HTML 6Page - EPCOS B39182B4235H910 Datasheet HTML 7Page - EPCOS B39182B4235H910 Datasheet HTML 8Page - EPCOS B39182B4235H910 Datasheet HTML 9Page - EPCOS B39182B4235H910 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
February 25, 2011
B4235
942.5/1842.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Characteristics Filter 2 (GSM1800)
Operating temperature range:
T
= +25 ˚C
± 2˚C
Terminating source impedance:
ZS =50 Ω (unbalanced)
Terminating load impedance:
ZL = 150 Ω (balanced) || 12 nH
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
1842.50
MHz
Maximum insertion attenuation
α
max
1805.00 ... 1880.00 MHz
2.4
2.7
dB
Amplitude ripple (p-p)
∆α
1805.00 ... 1880.00 MHz
1.2
1.5
dB
Input VSWR
1805.00 ... 1880.00 MHz
2.4
2.6
Output VSWR
1805.00 ... 1880.00 MHz
2.2
2.4
Output amplitude balance
(|S31/S21|)
1805.00 ... 1880.00 MHz
–1.5
1.5
dB
Output phase balance
(φ(S31)−φ(S21)+180˚)
1805.00 ... 1880.00 MHz
–10.0
10.0
degree
Attenuation
α
10.00 ... 1000.00 MHz
40
50
dB
1000.00 ... 1705.00 MHz
26
28
dB
1705.00 ... 1785.00 MHz
13
17
dB
1920.00 ... 1980.00 MHz
15
24
dB
1980.00 ... 2030.00 MHz
24
28
dB
2030.00 ... 5000.00 MHz
30
34
dB
5000.00 ... 6000.00 MHz
25
34
dB


Similar Part No. - B39182B4235H910

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39182B4235H910 EPCOS-B39182B4235H910 Datasheet
118Kb / 11P
   Automotive telematics
More results

Similar Description - B39182B4235H910

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3514 EPCOS-B3514 Datasheet
107Kb / 9P
   SAW RF filter Automotive telematics
B4234 EPCOS-B4234_11 Datasheet
128Kb / 10P
   SAW RF filter Automotive telematics
B3517 EPCOS-B3517 Datasheet
79Kb / 8P
   SAW RF filter Automotive telematics
B3908 EPCOS-B3908 Datasheet
65Kb / 6P
   SAW RF filter Automotive telematics
B4309 EPCOS-B4309 Datasheet
113Kb / 8P
   SAW RF filter Automotive telematics
B3524 EPCOS-B3524_11 Datasheet
95Kb / 8P
   SAW filter Automotive telematics
B3912 EPCOS-B3912 Datasheet
72Kb / 8P
   SAW filter Automotive telematics
B4305 EPCOS-B4305 Datasheet
107Kb / 8P
   SAW Rx filter Automotive telematics
B4304 EPCOS-B4304 Datasheet
101Kb / 8P
   SAW Rx filter Automotive telematics
B4307 EPCOS-B4307 Datasheet
73Kb / 7P
   SAW Tx filter Automotive Telematics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com