Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4300 Datasheet(PDF) 2 Page - EPCOS

Part # B4300
Description  SAW RF filter GPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4300 Datasheet(HTML) 2 Page - EPCOS

  B4300 Datasheet HTML 1Page - EPCOS B4300 Datasheet HTML 2Page - EPCOS B4300 Datasheet HTML 3Page - EPCOS B4300 Datasheet HTML 4Page - EPCOS B4300 Datasheet HTML 5Page - EPCOS B4300 Datasheet HTML 6Page - EPCOS B4300 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
January 26, 2011
B4300
1575.42 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Preliminary data
Application
s
Low-loss RF filter for GPS application
s
No matching network required for operation at 50
s
Additional passband characteristics for Galileo
Features
s
Package size 1.4 x 1.1 x 0.4 mm3
s
Package code QCS5P
s
RoHS compatible
s
Approximate weight 0.003 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
AEC-Q200 qualified component family (operable
temperature range –40˚C to +85˚C)
s
Electrostatic Sensitive Device (ESD)
5
4
3
2
0.25
0.5
0.5
1.4
bottom view
side view
top view
Pin configuration
s
1
Input
s
4
Output
s
2,3,5
to be grounded


Similar Part No. - B4300

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B4300-E OMRON-B4300-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
logo
EPCOS
B43004 EPCOS-B43004 Datasheet
535Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B4300

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA1209AM TRANSKO-TA1209AM Datasheet
425Kb / 4P
   GPS, RF SAW Filter
Revision 0: July 2008
TA1575GJ TRANSKO-TA1575GJ Datasheet
429Kb / 4P
   GPS, RF SAW Filter
Revision 0: June 2005
TA1575PM TRANSKO-TA1575PM Datasheet
426Kb / 4P
   GPS, RF SAW Filter
Revision 0: November 2008
TA1575SQ4 TRANSKO-TA1575SQ4 Datasheet
404Kb / 4P
   GPS RF SAW Filter
Revision 0: July 2012
logo
Oscilent Corporation
801-RF1575.42M-D OSCILENT-801-RF1575.42M-D Datasheet
370Kb / 3P
   GPS, RF SAW Filter
logo
Transko Electronics, In...
TA1575DJ TRANSKO-TA1575DJ Datasheet
439Kb / 4P
   GPS, RF SAW Filter
Revision 0: May 2005
TA1575GL TRANSKO-TA1575GL Datasheet
396Kb / 4P
   GPS, RF SAW Filter
Revision 0:
TA1575KM1 TRANSKO-TA1575KM1 Datasheet
273Kb / 3P
   GPS RF SAW Filter
Revision 0: March 2007
TA1575SQ3 TRANSKO-TA1575SQ3 Datasheet
402Kb / 4P
   GPS RF SAW Filter
Revision 0: December 2011
TA1580AM TRANSKO-TA1580AM Datasheet
441Kb / 4P
   GPS, RF SAW Filter
Revision 0: July 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com