Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ610J-0000 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXQ610J-0000
Description  16-Bit Microcontroller with Infrared Module 1.70V to 3.6V Operating Voltage Range
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ610J-0000 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXQ610J-0000 Datasheet HTML 1Page - Maxim Integrated Products MAXQ610J-0000 Datasheet HTML 2Page - Maxim Integrated Products MAXQ610J-0000 Datasheet HTML 3Page - Maxim Integrated Products MAXQ610J-0000 Datasheet HTML 4Page - Maxim Integrated Products MAXQ610J-0000 Datasheet HTML 5Page - Maxim Integrated Products MAXQ610J-0000 Datasheet HTML 6Page - Maxim Integrated Products MAXQ610J-0000 Datasheet HTML 7Page - Maxim Integrated Products MAXQ610J-0000 Datasheet HTML 8Page - Maxim Integrated Products MAXQ610J-0000 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
16-Bit Microcontroller with Infrared Module
_______________________________________________________________________________________
5
RECOMMENDED DC OPERATING CONDITIONS (continued)
(VDD = VRST to 3.6V, TA = 0°C to +70°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage for HFXIN
VIH_HFXIN
0.7 x
VDD
VDD
V
IRRX Input Filter Pulse-Width
Reject
tIRRX_R
50
ns
IRRX Input Filter Pulse-Width
Accept
tIRRX_A
300
ns
VDD = 3.6V, IOL = 25mA (Note 5)
1.0
VDD = 2.35V, IOL = 10mA (Note 5)
1.0
Output Low Voltage for IRTX
VOL_IRTX
VDD = 1.85V, IOL = 4.5mA
1.0
V
VDD = 3.6V, IOL = 11mA (Note 5)
0.4
0.5
VDD = 2.35V, IOL = 8mA (Note 5)
0.4
0.5
Output Low Voltage for RESET
and All Port Pins (Note 10)
VOL
VDD = 1.85V, IOL = 4.5mA
0.4
0.5
V
Output High Voltage for IRTX and
All Port Pins
VOH
IOH = -2mA
VDD -
0.5
VDD
V
Input/Output Pin Capacitance for
All Port Pins
CIO
(Note 5)
15
pF
Input Leakage Current
IL
Internal pullup disabled
-100
+100
nA
VDD = 3.0V, VOL = 0.4V (Note 5)
16
28
39
Input Pullup Resistor for RESET,
IRTX, IRRX, and All Port Pins
RPU
VDD = 2.0V, VOL = 0.4V
17
30
41
k
EXTERNAL CRYSTAL/RESONATOR
Crystal/Resonator
fHFXIN
1
12
MHz
Crystal/Resonator Period
tHFXIN
1/fHFXIN
ns
Crystal/Resonator Warmup Time
tXTAL_RDY
From initial oscillation
8192 x tHFXIN
ms
Oscillator Feedback Resistor
ROSCF
(Note 5)
0.5
1.0
1.5
M
EXTERNAL CLOCK INPUT
External Clock Frequency
fXCLK
DC
12
MHz
External Clock Period
tXCLK
1/fXCLK
ns
External Clock Duty Cycle
tXCLK_DUTY
45
55
%
fHFIN
System Clock Frequency
fCK
HFXOUT = GND
fXCLK
MHz
System Clock Period
tCK
1/fCK
MHz
NANOPOWER RING OSCILLATOR
TA = +25°C
3.0
8.0
20.0
Nanopower Ring Oscillator
Frequency
fNANO
TA = +25°C, VDD = POR voltage (Note 5)
1.7
2.4
kHz
Nanopower Ring Oscillator Duty
Cycle
tNANO
(Note 5)
40
60
%
Nanopower Ring Oscillator
Current
INANO
Typical at VDD = 1.64V, TA = +25°C
(Note 5)
40
400
nA


Similar Part No. - MAXQ610J-0000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610J-0000++ MAXIM-MAXQ610J-0000+ Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
More results

Similar Description - MAXQ610J-0000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610 Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ61H MAXIM-MAXQ61H_10 Datasheet
226Kb / 23P
   16-BIt Microcontroller with Infrared Module
19-4604; Rev 2; 5/10
MAXQ61H MAXIM-MAXQ61H_12 Datasheet
255Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 3; 3/12
MAXQ618 MAXIM-MAXQ618 Datasheet
1Mb / 26P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/12
MAXQ614 MAXIM-MAXQ614 Datasheet
1Mb / 22P
   16-Bit Microcontroller with Infrared Module
Rev 2; 10/12
MAXQ610 MAXIM-MAXQ610_10 Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
MAXQ61C MAXIM-MAXQ61C Datasheet
1Mb / 27P
   16-Bit Microcontroller with Infrared Module
Rev 0; 4/10
MAXQ613 MAXIM-MAXQ613 Datasheet
1Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 4; 7/12
MAXQ61H MAXIM-MAXQ61H Datasheet
257Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/09
MAXQ610 MAXIM-MAXQ610_09 Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com