Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39162B3528U510 Datasheet(PDF) 3 Page - EPCOS

Part # B39162B3528U510
Description  SAW RF filter GPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39162B3528U510 Datasheet(HTML) 3 Page - EPCOS

  B39162B3528U510 Datasheet HTML 1Page - EPCOS B39162B3528U510 Datasheet HTML 2Page - EPCOS B39162B3528U510 Datasheet HTML 3Page - EPCOS B39162B3528U510 Datasheet HTML 4Page - EPCOS B39162B3528U510 Datasheet HTML 5Page - EPCOS B39162B3528U510 Datasheet HTML 6Page - EPCOS B39162B3528U510 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
March 22, 2011
B3528
1575.42 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 100 Ω (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
1575.42
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
1.2
1.9
dB
Amplitude ripple (p-p)
∆α
1574.42 ... 1576.42 MHz
0.2
0.6
dB
VSWR
Input
1574.42 ... 1576.42 MHz
1.3
1.7
Output
1574.42 ... 1576.42 MHz
1.3
1.7
Attenuation
α
100.0
...
960.0
MHz
50
60
dB
960.0
... 1475.0
MHz
45
52
dB
1475.0
... 1515.0
MHz
36
43
dB
1515.0
... 1525.42 MHz
25
36
dB
1625.0
... 1635.0
MHz
25
36
dB
1635.0
... 1675.0
MHz
36
45
dB
1675.0
... 1850.0
MHz
45
55
dB
1850.0
... 2400.0
MHz
40
45
dB


Similar Part No. - B39162B3528U510

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39162B3528U510 TDK-B39162B3528U510 Datasheet
92Kb / 8P
   SAW Components SAW RF filter
More results

Similar Description - B39162B3528U510

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA1209AM TRANSKO-TA1209AM Datasheet
425Kb / 4P
   GPS, RF SAW Filter
Revision 0: July 2008
TA1575GJ TRANSKO-TA1575GJ Datasheet
429Kb / 4P
   GPS, RF SAW Filter
Revision 0: June 2005
TA1575PM TRANSKO-TA1575PM Datasheet
426Kb / 4P
   GPS, RF SAW Filter
Revision 0: November 2008
TA1575SQ4 TRANSKO-TA1575SQ4 Datasheet
404Kb / 4P
   GPS RF SAW Filter
Revision 0: July 2012
logo
Oscilent Corporation
801-RF1575.42M-D OSCILENT-801-RF1575.42M-D Datasheet
370Kb / 3P
   GPS, RF SAW Filter
logo
EPCOS
B4300 EPCOS-B4300 Datasheet
72Kb / 7P
   SAW RF filter GPS
logo
Transko Electronics, In...
TA1575DJ TRANSKO-TA1575DJ Datasheet
439Kb / 4P
   GPS, RF SAW Filter
Revision 0: May 2005
TA1575GL TRANSKO-TA1575GL Datasheet
396Kb / 4P
   GPS, RF SAW Filter
Revision 0:
TA1575KM1 TRANSKO-TA1575KM1 Datasheet
273Kb / 3P
   GPS RF SAW Filter
Revision 0: March 2007
TA1575SQ3 TRANSKO-TA1575SQ3 Datasheet
402Kb / 4P
   GPS RF SAW Filter
Revision 0: December 2011
TA1580AM TRANSKO-TA1580AM Datasheet
441Kb / 4P
   GPS, RF SAW Filter
Revision 0: July 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com