Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YG875C20R Datasheet(PDF) 1 Page - Fuji Electric

Part # YG875C20R
Description  Ultra Low IR Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YG875C20R Datasheet(HTML) 1 Page - Fuji Electric

  YG875C20R Datasheet HTML 1Page - Fuji Electric YG875C20R Datasheet HTML 2Page - Fuji Electric YG875C20R Datasheet HTML 3Page - Fuji Electric YG875C20R Datasheet HTML 4Page - Fuji Electric YG875C20R Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
YG875C20R (200V, 20A)
Maximum Ratings and Characteristics
Maximum ratings (at Ta=25˚C Unless otherwise specified)
Item
Symbols
Conditions
Ratings
Units
Repetitive peak reverse voltage
VRRM
200
V
Isolating voltage
Viso
Terminals-to-case, AC.1min
1500
V
Average output current
IO
50Hz Square wave duty =1/2
Tc =127˚C
20 *
A
Non-repetitive surge current **
IFSM
Sine wave, 10ms 1shot
145
A
Operating junction temperature
Tj
175
˚C
Storage temperature
Tstg
-40 to +175
˚C
*Out put current of center tap full wave connection.
**Rating per element
Electrical characteristics (at Ta=25˚C Unless otherwise specified)
Item
Symbols
Conditions
Maximum
Units
Forward voltage***
VF
IF = 10 A
0.93
V
Reverse current***
IR
VR =VRRM
20
µA
Thermal resistance
Rth(j-c)
Junction to case
2.5
˚C/W
***Rating per element
http://www.fujisemi.com
FUJI Diode
Mechanical characteristics
Item
Conditions
Ratings
Units
Mounting torque
Recommended torque
0.3 to 0.5
N•m
Approximate mass
2.0
g
Ultra Low IR Schottky Barrier Diode
Features
• Ultra Low IR
• Low VF
• Tj MAX = 175˚C
• High reliability at higher temperatures
Applications
• High frequency operation
• DC-DC converters
• AC adapter
Outline Drawings [mm]
Connection diagram
TO-220F
YG875C20
YG875C20
Note:1 Country of origin mark.
"P" is Made in PHILIPPINES.


Similar Part No. - YG875C20R

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
YG875C20R ISC-YG875C20R Datasheet
268Kb / 2P
   Schottky Barrier Rectifier
2023-9-9
More results

Similar Description - YG875C20R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YA875C20R FUJI-YA875C20R Datasheet
751Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YA875C10R FUJI-YA875C10R Datasheet
614Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YG875C10R FUJI-YG875C10R Datasheet
652Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YG878C12R FUJI-YG878C12R Datasheet
681Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YG878C15R FUJI-YG878C15R Datasheet
686Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YA875C15R FUJI-YA875C15R Datasheet
627Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YA878C15R FUJI-YA878C15R Datasheet
649Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YG875C15R FUJI-YG875C15R Datasheet
665Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YG878C10R FUJI-YG878C10R Datasheet
667Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YA878C10R FUJI-YA878C10R Datasheet
635Kb / 5P
   Ultra Low IR Schottky Barrier Diode
YG875C12R FUJI-YG875C12R Datasheet
662Kb / 5P
   Ultra Low IR Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com