Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KU2307K Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KU2307K
Description  N-Ch Trench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KU2307K Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KU2307K Datasheet HTML 1Page - KEC(Korea Electronics) KU2307K Datasheet HTML 2Page - KEC(Korea Electronics) KU2307K Datasheet HTML 3Page - KEC(Korea Electronics) KU2307K Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2009. 7. 30
3/4
KU2307K
Revision No : 0
0
12
16
4
8
20
100
01
10
Drain Current ID (A)
Fig2. RDS(on) - ID
Gate to Source Voltage VGS (V)
20
60
0
40
100
80
34
012
5
Fig3. ID - VGS
Fig4. RDS(ON) - Tj
-75 -50 -25
25
50
75
175
150
125
100
0
Fig5. Vth - Tj
-75 -50 -25
0.4
0.6
0.2
1.6
0.8
1.0
1.4
1.2
0.6
0.8
0.2
0.4
1.0
1.2
1.8
1.4
1.6
050
100
25
175
150
125
75
Junction Temperature Tj (
)
C
Junction Temperature Tj (
)
C
V
DS = VGS, ID = 250µA
V
DS = 5V
Tj=25 C
Tj=-55 C
Tj=150 C
V
GS=10V, ID=20A
V
GS=4.5V, ID=20A
V
GS=4.5V
V
GS=10V
Fig6. IS - VSD
10-1
100
101
102
103
0.6
1.2
1.0
0.4
0.8
0.2
Source to Drain Voltage VSD (V)
Tj=25 C
Tj=-55 C
Tj=150 C
Fig1. ID - VDS
Drain to Source Voltage VDS (V)
0
0.5
1.0
1.5
0
40
80
20
60
100
2.5
2.0
3.0
4.0V
3.5V
3.0V
4.5V
5.0V
V
GS=10V


Similar Part No. - KU2307K

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU2307D KEC-KU2307D Datasheet
58Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
More results

Similar Description - KU2307K

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
   N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com