Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8515LC Datasheet(PDF) 8 Page - Semtech Corporation

Part # ACS8515LC
Description  Line Card Protection Switch for SONET or SDH Network Elements
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8515LC Datasheet(HTML) 8 Page - Semtech Corporation

Back Button ACS8515LC Datasheet HTML 4Page - Semtech Corporation ACS8515LC Datasheet HTML 5Page - Semtech Corporation ACS8515LC Datasheet HTML 6Page - Semtech Corporation ACS8515LC Datasheet HTML 7Page - Semtech Corporation ACS8515LC Datasheet HTML 8Page - Semtech Corporation ACS8515LC Datasheet HTML 9Page - Semtech Corporation ACS8515LC Datasheet HTML 10Page - Semtech Corporation ACS8515LC Datasheet HTML 11Page - Semtech Corporation ACS8515LC Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Revision 2.05/Jan 2001 ã2001 Semtech Corp
www.semtech.com
8
ACS8515 LC/P
ADVANCED COMMUNCIATIONS
FINAL
locking. The cnfg_freq_divn register contains
the divider ratio N where the reference input
will get divided by (N+1) where 0<N<214-1. The
cnfg_ref_source_frequency register must be set
to the closest supported spot frequency to the
input frequency, but must be lower than the
input frequency. When using the “DivN” feature
the post-divider frequency must be 8 kHz, which
is indicated by setting the ‘lock8k’ bit high (bit
6 in cnfg_ref_source_frequency register). Any
input set to DivN must have the frequency
monitors disabled (if the frequency monitors
are disabled, they are disabled for all inputs
regardless of the input configurations, in this
case only activity monitoring will take place).
Whilst any number of inputs can be set to use
the “DivN” feature, only one N can be
programmed, hence all inputs using the “DivN”
feature must require the same division to get
to 8 kHz.
e
m
a
N
t
r
o
P
t
r
o
P
t
u
p
n
I
y
g
o
l
o
n
h
c
e
T
d
e
t
r
o
p
p
u
S
s
e
i
c
n
e
u
q
e
r
Fp
u
o
r
G
e
c
r
u
o
S
C
E
S
tl
u
a
f
e
D
y
ti
r
o
ir
P
)
3
e
t
o
N
(
1
C
E
SS
O
M
C
/
L
T
T
z
H
M
0
0
1
o
t
p
U)
1
e
t
o
N
(
z
H
k
8
:)
T
E
N
O
S
(
tl
u
a
f
e
D
8
:)
H
D
S
(
tl
u
a
f
e
Dk z
H
11 )
4
(
2
C
E
SS
O
M
C
/
L
T
T
z
H
M
0
0
1
o
t
p
U)
1
e
t
o
N
(
z
H
k
8
:)
T
E
N
O
S
(
tl
u
a
f
e
D
z
H
k
8
:)
H
D
S
(
tl
u
a
f
e
D
2)
5
(
3
1
C
E
S
L
C
E
P
/
S
D
V
L
S
D
V
Ltl
u
a
f
e
d
z
H
M
2
5
.
5
5
1
o
t
p
U)
2
e
t
o
N
(
z
H
M
4
4
.
9
1
:)
T
E
N
O
S
(
tl
u
a
f
e
D
z
H
M
4
4
.
9
1
:)
H
D
S
(
tl
u
a
f
e
D
1)
6
(
2
2
C
E
S
S
D
V
L
/
L
C
E
P
tl
u
a
f
e
d
L
C
E
P
z
H
M
2
5
.
5
5
1
o
t
p
U)
2
e
t
o
N
(
z
H
M
4
4
.
9
1
:)
T
E
N
O
S
(
tl
u
a
f
e
D
z
H
M
4
4
.
9
1
:)
H
D
S
(
tl
u
a
f
e
D
2)
7
(
4
3
C
E
SS
O
M
C
/
L
T
T
z
H
M
0
0
1
o
t
p
U)
1
e
t
o
N
(
z
H
M
4
4
.
9
1
:)
T
E
N
O
S
(
tl
u
a
f
e
D
z
H
M
4
4
.
9
1
:)
H
D
S
(
tl
u
a
f
e
D
3)
0
1
(
5
1
C
N
Y
SS
O
M
C
/
L
T
Tc
n
y
S
e
m
a
r
F
it
l
u
M
z
H
k
2-
-
Table 1: Input Reference Source Selection and Group allocation
Notes for Table 1.
Note 1. TTL ports (compatible also with CMOS signals) support clock speeds up to 100 MHz, with the highest spot frequency
being 77.76 MHz. The actual spot frequencies are 8 kHz (N x 8 kHz), 1.544/2.048 MHz, 6.48 MHz, 19.44 MHz, 25.92 MHz,
38.88 MHz, 51.84 MHz and 77.76 MHz.
Note 2. PECL and LVDS ports support the spot clock frequencies listed above plus 155.52 MHz. There are different output
clock frequencies available for SONET and SDH applications. F
1/F2 means that the output frequency is F1 for SONET mode
selection and F
2 for SDH mode selection.
Note 3. The default priority values in brackets are the default numbers reported in the register map, which match up with the
ACS8510.
On power up, or by reset, the default will be set by the SONSDHB pin. Specific frequencies and priorities are set by
configuration. For SONET, config_mode register 34 Hex, bit 2 = 1. For SDH config_mode register 34 Hex, bit 2 = 0.


Similar Part No. - ACS8515LC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
More results

Similar Description - ACS8515LC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8525 SEMTECH-ACS8525 Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
logo
Zarlink Semiconductor I...
ZL30407 ZARLINK-ZL30407 Datasheet
843Kb / 57P
   SONET/SDH Network Element PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com