Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39725B1728H810 Datasheet(PDF) 4 Page - EPCOS

Part # B39725B1728H810
Description  SAW IF filter Satellite radio
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39725B1728H810 Datasheet(HTML) 4 Page - EPCOS

  B39725B1728H810 Datasheet HTML 1Page - EPCOS B39725B1728H810 Datasheet HTML 2Page - EPCOS B39725B1728H810 Datasheet HTML 3Page - EPCOS B39725B1728H810 Datasheet HTML 4Page - EPCOS B39725B1728H810 Datasheet HTML 5Page - EPCOS B39725B1728H810 Datasheet HTML 6Page - EPCOS B39725B1728H810 Datasheet HTML 7Page - EPCOS B39725B1728H810 Datasheet HTML 8Page - EPCOS B39725B1728H810 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
February 19, 2010
B1728
72.54 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Matching network1) (based on four port measurement, quality factors QL = 40, QC = 90)
1) The input matching circuit has been designed as a power match of the filter’s input port to 175
Ω. In a second step
it has been optimized in a narrow range in order to operate at 27
Ω with optimum filter performance.
Cs1
Cs1
Lp2
Lp3
Cs4
Cs4
Cs1 = 20 pF
Lp2 = 220 nH
Lp3 = 620 nH
Cs4 = 3.6 pF


Similar Part No. - B39725B1728H810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39725B1728H810 TDK-B39725B1728H810 Datasheet
107Kb / 10P
   SAW Components SAW IF filter
More results

Similar Description - B39725B1728H810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1730 EPCOS-B1730 Datasheet
90Kb / 10P
   SAW IF filter Satellite radio
B1726 EPCOS-B1726 Datasheet
61Kb / 7P
   SAW IF filter Satellite radio
B1727 EPCOS-B1727 Datasheet
96Kb / 10P
   SAW IF filter Satellite radio
B1729 EPCOS-B1729 Datasheet
82Kb / 10P
   SAW IF filter Satellite radio
B1720 EPCOS-B1720 Datasheet
74Kb / 7P
   SAW IF filter Satellite radio
B1647 EPCOS-B1647 Datasheet
53Kb / 7P
   SAW filter Satellite radio
logo
TEMEX
TMXW346 TEMEX-TMXW346 Datasheet
260Kb / 5P
   SAW Bandpass Filter - Satellite Receiver - IF
TMXW345 TEMEX-TMXW345 Datasheet
274Kb / 5P
   SAW Bandpass Filter - Satellite Receiver - IF
logo
Soshin electric Co., Lt...
DBF71A012 SOSHIN-DBF71A012 Datasheet
100Kb / 2P
   Satellite Radio
logo
Ultralife Corporation.
A-301-150 ULTRALIFE-A-301-150 Datasheet
744Kb / 2P
   Satellite Radio Combiner
5/28/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com