Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS104A-PL Datasheet(PDF) 3 Page - Semtech Corporation

Part # ACS104A-PL
Description  ACS104A Fiber Modem
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS104A-PL Datasheet(HTML) 3 Page - Semtech Corporation

  ACS104A-PL Datasheet HTML 1Page - Semtech Corporation ACS104A-PL Datasheet HTML 2Page - Semtech Corporation ACS104A-PL Datasheet HTML 3Page - Semtech Corporation ACS104A-PL Datasheet HTML 4Page - Semtech Corporation ACS104A-PL Datasheet HTML 5Page - Semtech Corporation ACS104A-PL Datasheet HTML 6Page - Semtech Corporation ACS104A-PL Datasheet HTML 7Page - Semtech Corporation ACS104A-PL Datasheet HTML 8Page - Semtech Corporation ACS104A-PL Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
2
Advanced Communications
ACS104A Data Sheet
programmed using pins HD(1:2) on the TQFP44 package, in
accordance with the Table 2.
HD2
HD1
Handshake
Skew
Bandwidth
w.r.t. RxD
0
0*
600
Hz
10 ms.
0
1
10
kHz
1 - 2 data bits
1
0
5
kHz
1 - 2 data bits
1
1
2.5
kHz
1 - 2 data bits
Table 2. Handshake signal bandwidth allocation
* When HD2 = HD1 = 0 super-compress mode is selected. See
section headed Super-Compress mode.
Handshake data rates which exceed the allocated bandwidth will
be delayed, and consequently result in additional skew between
handshake signals and data.
The HD pins enable the user to allocate a maximum bandwidth to
the handshake signals and thus limit the power consumption of the
device. The power consumption is, however, dependent on the
actual bandwidth used and not the bandwidth selected.
For
example; if the handshake signals were toggled at 1kHz the power
consumption would be the same for an allocated bandwidth of
2.5kHz as it would for an allocation of 10kHz. See section headed
Current and Power Consumption for more details.
Super-Compress mode
This mode is selected when HD2 = HD1 = 0. Super-compress
mode performs a second stage of data compression, thus further
reducing the power consumption of the modem. Normally, data is
compressed in a manner which is independent of the data type. In
super-compress mode, an additional stage of compression further
reduces the data by a factor of 1 to 3 depending on the data itself.
Example: The super-compress stage will compress DC data by an
additional Compression Factor (CF) of 3, whilst data close to the
maximum frequency will not be compressed beyond the standard
CF of 1.
Super-compress mode provides benefits where the user is
interested in low average power consumption (e.g. battery life)
rather than peak power. If the intended system is idle for most of
the time with periodic bursts of activity, the additional data
compression afforded will approach a CF of 3.
Locking
To achieve low power consumption the ACS104A is active for a
small percentage of the frame (machine-cycle) known as the
'transmit' window and the 'receive' window, collectively these
windows are known as the 'active time'. Outside the 'active time'
the device is largely dormant accept for the maintenance of the
oscillator and basic 'house-keeping' functions.
Communicating modems attain a stable state known as 'locked',
where the 'transmit' window of one modem coincides with the
'receive' window of the other, allowing for the delay through the
optical link.
Adjustments to machine cycles are made
automatically during operation, to compensate for differences in
XTAL frequencies which cause loss of synchronisation.
The ACS104A locking algorithm is statistical, and consequently the
locking time will differ on each attempt to lock.
Diagnostic and Locking Modes
The diagnostic and operational modes, shown in Table 3, are
selected using the DM pins. DM3 is held high internally on the
PLCC28 package.
DM3
DM2
DM1
Mode
Lock
0
0
0
Full-duplex
Drift
0
0
1
Full-duplex
Active
0
1
0
Full-duplex
Memory
1
0
1
Local loopback
Random
1
1
0
Remote loopback
Random
1
1
1
Full-duplex
Random
Table 3. Diagnostic and operational modes
Local Loopback
In local loopback mode TxD data is looped back inside the near-end
modem and appears at its own RxD output. RTS, DTR and RII are
also looped back appearing at their own CTS, DSR and RIO outputs
respectively.
The data is also sent to the far-end modem and
synchronisation between the modems is maintained.
In local loopback mode data received from the far-end device is
ignored, except to maintain lock. If concurrent requests occur for
local and remote loopback, local loopback is selected.
The local loopback diagnostic mode is used to test data flow up to,
and back from, the local ACS104A and does not test the integrity of
the link itself, i.e. local loopback operates independently of
synchronisation with a second modem.
Remote Loopback
In remote loopback mode, the near-end modem sends a request to
the far-end modem to loopback its received data, thus returning the
data so that it appears at the RxD of the initiating modem. RTS,
DTR and RII follows the same path, returning data back to CTS,
DSR and RIO respectively of the initiating modem.
Data also
appears at the far-end modem outputs RxD, CTS, DSR and RIO. In
the process both modems are exercised completely, as well as the
LED/PINs and the fiber optic link.
The remote loopback test is
normally used to check the integrity of the entire link from the near-
end (initiating) modem. Whilst a device is responding to a request
for remote loopback from the initiating modem (far-end), requests to
initiate remote loopback will be ignored.
Drift lock
Communicating modems attain a stable state where the 'transmit'
window of one modem coincides with the 'receive' window of the
other, allowing for delay through the optical link. Adjustments to
machine cycles are made automatically during operation to
compensate for differences in XTAL frequencies which would
otherwise cause loss of synchronisation.
Using drift lock, synchronisation described above depends on a
difference in the XTAL frequencies at each end of the link, and the
greater the difference the faster the locking.
Therefore, if the
difference between XTAL frequencies is very small (a few ppm),
automatic locking may take tens of seconds or even minutes.
Drift lock will not operate if the two communicating devices are driven by
a clock derived from a single source (i.e. tolerance of 0ppm).
Active Lock Mode
Active lock mode may be used to accelerate synchronisation of a
pair of communicating modems.
This mode synchronises the
modems in less than 3 seconds by adjusting the machine cycles of
the modems. Active lock reduces the machine cycle of the device
by 0.5 % ensuring rapid lock. After synchronisation the machine
cycle reverts automatically to normal.
Only one device may be configured in active lock mode at any one
time. Active lock mode is usually invoked temporarily on power-up.
This can be achieved on the ACS104A by connecting DM1 to an RC
arrangement, i.e. with the capacitor to 5V and the resistor to GND, to
create a 5V
à 0V ramp on power-up. The RC time constant should
be Ca.
5 seconds.
Active lock will succeed even when
communicating devices are driven from clocks derived from a single
source (0ppm).
Random Lock
This mode achieves moderate locking times (typically 5 seconds,
worst case 10 seconds) with the advantage that the ACS104A’s are
configured as peers. Communicating modems may be permanently
configured in this mode by hard wiring the DM pins.
Random lock will succeed even when communicating devices are
driven from clocks derived from a single source (0ppm). Random
lock mode is compatible with drift lock and active lock.
Memory Lock
Following the assertion of a reset (PORB = 0) communicating
devices will initiate an arbitration process where within 10 seconds


Similar Part No. - ACS104A-PL

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS101A SEMTECH-ACS101A Datasheet
122Kb / 12P
   Acapella Optical Modem IC
logo
STMicroelectronics
ACS102 STMICROELECTRONICS-ACS102 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1 STMICROELECTRONICS-ACS102-5T1 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1-TR STMICROELECTRONICS-ACS102-5T1-TR Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5TA STMICROELECTRONICS-ACS102-5TA Datasheet
97Kb / 8P
   AC LINE SWITCH
More results

Similar Description - ACS104A-PL

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS102A SEMTECH-ACS102A Datasheet
147Kb / 13P
   ACS102A Fiber Modem
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com