Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTN2369 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTN2369
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTN2369 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTN2369_02 Datasheet HTML 1Page - KEC(Korea Electronics) KTN2369_02 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 6. 17
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTN2369/A
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 3
HIGH SPEED SWITCHING APPLICATION.
FEATURES
・High Frequency Characteristics
: fT=500MHz (Min.) (VCE=10V, f=100MHz, IC=10mA).
・Excellent Switching Characteristics.
・KTN2369/2369A Electrically Similar to 2N2369/2369A.
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
3. COLLECTOR
2. BASE
+_
MAXIMUM RATING (Ta=25℃)
ELECTRICAL CHARACTERISTICS (Ta=25℃)
* Pulse Test : Pulse Width≦300μS, Duty Cycle≦2%.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
4.5
V
Collector Current
IC
500
mA
Collector Power Dissipation
(Ta=25℃)
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=20V, IE=0
-
-
0.4
μA
VCB=20V, IE=0, Ta=125℃
-
-
30
Collector-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0
40
-
-
V
Collector-Emitter Breakdown Voltage *
V(BR)CEO
IE=10mA, IB=0
15
-
-
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0
4.5
-
-
DC Current Gain
KTN2369/A
hFE
IC=10mA, VCE=1.0V
40
-
120
KTN2369
IC=10mA, VCE=1.0V, Ta=-55℃
20
-
-
KTN2369A
IC=10mA, VCE=0.35V, Ta=-55℃
20
-
-
KTN2369
IC=100mA, VCE=2.0V
20
-
-
KTN2369A
IC=100mA, VCE=1.0V
20
-
-
Collector-Emitter Saturation Voltage *
VCE(sat)
IC=10mA, IB=1.0mA
-
-
0.25
V
Base-Emitter Saturation Voltage
*
VBE(sat)
IC=10mA, IB=1.0mA
0.70
-
0.85
V
Transition Frequency
fT
IC=10mA, VCE=10V, f=100MHz
500
-
-
MHz
Collector Output Capacitance
Cob
VCB=5.0V, IE=0, f=1.0MHz
-
-
4.0
pF
Storage Time
tstg
IC=100mA, IB1=-IB2=10mA, VCC=10V
-
-
13
nS
Turn-on Time
ton
VCC=3.0V, IC=10mA,
IB1=3.0mA, IB2=-1.5mA
-
-
12
Turn-off Time
toff
IC=10mA, IB1=3.0mA
IB2=-1.5mA, VCC=3.0V
-
-
15


Similar Part No. - KTN2369_02

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTN2369A KEC-KTN2369A Datasheet
150Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HISH SPEED SWITCHING)
KTN2369AS KEC-KTN2369AS Datasheet
155Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369AU KEC-KTN2369AU Datasheet
152Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369AU KEC-KTN2369AU Datasheet
21Kb / 1P
   USM PACKAGE
KTN2369AU KEC-KTN2369AU_08 Datasheet
21Kb / 1P
   USM PACKAGE
More results

Similar Description - KTN2369_02

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com