Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTN2222 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTN2222
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTN2222 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTN2222_03 Datasheet HTML 1Page - KEC(Korea Electronics) KTN2222_03 Datasheet HTML 2Page - KEC(Korea Electronics) KTN2222_03 Datasheet HTML 3Page - KEC(Korea Electronics) KTN2222_03 Datasheet HTML 4Page - KEC(Korea Electronics) KTN2222_03 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2003. 6. 16
2/5
KTN2222/A
Revision No : 2
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
KTN2222A
ICEX
VCE=60V, VEB(OFF)=3V
-
-
10
nA
Collector Cut-off Current
KTN2222
ICBO
VCB=50V, IE=0
-
-
0.01
A
KTN2222A
VCB=60V, IE=0
-
-
0.01
Emitter Cut-off Current
KTN2222A
IEBO
VEB=3V, IC=0
-
-
10
nA
Collector-Base
Breakdown Voltage
KTN2222
V(BR)CBO
IC=10 A, IE=0
60
-
-
V
KTN2222A
75
-
-
Collector-Emitter
*
Breakdown Voltage
KTN2222
V(BR)CEO
IE=10mA, IB=0
30
-
-
V
KTN2222A
40
-
-
Emitter-Base
Breakdown Voltage
KTN2222
V(BR)EBO
IE=10 A, IC=0
5
-
-
V
KTN2222A
6
-
-
DC Current Gain
*
KTN2222
KTN2222A
hFE(1)
IC=0.1mA, VCE=10V
35
-
-
hFE(2)
IC=1mA, VCE=10V
50
-
-
hFE(3)
IC=10mA, VCE=10V
75
-
-
hFE(4)
IC=150mA, VCE=10V
100
-
300
KTN2222
hFE(5)
IC=500mA, VCE=10V
30
-
-
KTN2222A
40
-
-
Collector-Emitter
*
Saturation Voltage
KTN2222
VCE(sat)1
IC=150mA, IB=15mA
-
-
0.4
V
KTN2222A
-
-
0.3
KTN2222
VCE(sat)2
IC=500mA, IB=50mA
-
-
1.6
KTN2222A
-
-
1
Base-Emitter
*
Saturation Voltage
KTN2222
VBE(sat)1
IC=150mA, IB=15mA
-
-
1.3
V
KTN2222A
0.6
-
1.2
KTN2222
VBE(sat)2
IC=500mA, IB=50mA
-
-
2.6
KTN2222A
-
-
2.0
Transition Frequency
KTN2222
fT
IC=20mA, VCE=20V, f=100MHz
250
-
-
MHz
KTN2222A
300
-
-
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1.0MHz
-
-
8
pF
Input Capacitance
KTN2222
Cib
VEB=0.5V, IC=0, f=1.0MHz
-
-
30
pF
KTN2222A
-
-
25
ELECTRICAL CHARACTERISTICS (Ta=25 )
* Pulse Test : Pulse Width 300 S, Duty Cycle 2%.


Similar Part No. - KTN2222_03

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTN2222A KEC-KTN2222A Datasheet
471Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2222A KEC-KTN2222A Datasheet
379Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR
KTN2222AE KEC-KTN2222AE Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
KTN2222AS KEC-KTN2222AS Datasheet
477Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2222AS KEC-KTN2222AS Datasheet
21Kb / 1P
   SOT-23 PACKAGE
More results

Similar Description - KTN2222_03

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com