Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11666AUB Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11666AUB
Description  500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs Low-Noise 73dB SNR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11666AUB Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11666AUB Datasheet HTML 3Page - Maxim Integrated Products MAX11666AUB Datasheet HTML 4Page - Maxim Integrated Products MAX11666AUB Datasheet HTML 5Page - Maxim Integrated Products MAX11666AUB Datasheet HTML 6Page - Maxim Integrated Products MAX11666AUB Datasheet HTML 7Page - Maxim Integrated Products MAX11666AUB Datasheet HTML 8Page - Maxim Integrated Products MAX11666AUB Datasheet HTML 9Page - Maxim Integrated Products MAX11666AUB Datasheet HTML 10Page - Maxim Integrated Products MAX11666AUB Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
_______________________________________________________________________________________ 7
500ksps, Low-Power,
Serial 12-/10-/8-Bit ADCs
ELECTRICAL CHARACTERISTICS (MAX11664) (continued)
(VDD = 2.2V to 3.6V, VREF = VDD, VOVDD = VDD, fSCLK = 8MHz, 50% duty cycle, 500ksps; CDOUT = 10pF, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Intermodulation Distortion
IMD
f1 = 239.8kHz, f2 = 200.2kHz
-82
dB
Full-Power Bandwidth
-3dB point
40
MHz
Full-Linear Bandwidth
SINAD > 60dB
2.5
MHz
Small-Signal Bandwidth
45
MHz
Crosstalk
-90
dB
CONVERSION RATE
Throughput
5
500
ksps
Conversion Time
1.56
F
s
Acquisition Time
tACQ
52
ns
Aperture Delay
From CS falling edge
4
ns
Aperture Jitter
15
ps
Serial-Clock Frequency
fCLK
0.08
8
MHz
ANALOG INPUT (AIN1, AIN2)
Input Voltage Range
VAIN_
0
VREF
V
Input Leakage Current
IILA
0.002
Q
1
F
A
Input Capacitance
CAIN
-_
Track
20
pF
Hold
4
EXTERNAL REFERENCE INPUT (REF)
Reference Input Voltage Range
VREF
1
VDD +
0.05
V
Reference Input Leakage
Current
IILR
Conversion stopped
0.005
Q
1
F
A
Reference Input Capacitance
CREF
5
pF
DIGITAL INPUTS (SCLK, CS, CHSEL)
Digital Input High Voltage
VIH
0.75 x
VOVDD
V
Digital Input Low Voltage
VIL
0.25 x
VOVDD
V
Digital Input Hysteresis
VHYST
0.15 x
VOVDD
V
Digital Input Leakage Current
IIL
Inputs at GND or VDD
0.001
Q
1
F
A
Digital Input Capacitance
CIN
2
pF
DIGITAL OUTPUT (DOUT)
Output High Voltage
VOH
ISOURCE = 200µA
0.85 x
VOVDD
V
Output Low Voltage
VOL
ISINK = 200µA
0.15 x
VOVDD
V
High-Impedance Leakage
Current
IOL
Q
1.0
F
A
High-Impedance Output
Capacitance
COUT
4
pF


Similar Part No. - MAX11666AUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11666AUB++ MAXIM-MAX11666AUB+ Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11666AUB++ MAXIM-MAX11666AUB+ Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11666AUB/V++ MAXIM-MAX11666AUB/V+ Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
More results

Similar Description - MAX11666AUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
logo
Linear Technology
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302 LINER-LTC2302_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302 LINER-LTC2302 Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
logo
Maxim Integrated Produc...
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com