Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YG835C04R Datasheet(PDF) 1 Page - Fuji Electric

Part # YG835C04R
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YG835C04R Datasheet(HTML) 1 Page - Fuji Electric

  YG835C04R Datasheet HTML 1Page - Fuji Electric YG835C04R Datasheet HTML 2Page - Fuji Electric YG835C04R Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
YG835C04R
(40V / 22A TO-22OF15)
SCHOTTKY BARRIER DIODE
Outline Drawings
JEDEC
EIAJ
SC-67
Features
Low VF
Super high speed switching.
High reliability by planer design.
Applications
High speed power switching.
Connection Diagram
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Item
Repetitive peak reverse voltage
Repetitive peak surge reverse voltage
Isolating voltage
Average output current
Suege current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
Viso
IO
IFSM
Tj
Tstg
Conditions
duty=1/2, Tc=95°C
Square wave
Sine wave 10ms
Rating
40
40
1500
22*
120
+150
-40 to +150
Unit
V
V
V
A
A
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop **
Reverse current **
Thermal resistance
Symbol
VF
IR
Rth(j-c)
Conditions
IF=6.0A
VR=VRRM
Junction to case
Max.
0.45
15.0
2.5
Unit
V
mA
°C/W
tw=500ns, duty=1/40
Terminals to Case,
AC. 1min.
Mechanical Characteristics
Mounting torque
Weight
Recommended torque
0.3 to 0.5
2.3
N · m
g
* Out put current of centertap full wave connection.
1
2
3
** Rating per element
10±0.5
2.54±0.2
0.7±0.2
1.2±0.2
2.7±0.2
0.6
2.7±0.2
4.5±0.2
ø3.2
+0.2
-0.1
+0.2
-0
1
3
2


Similar Part No. - YG835C04R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YG835C04R ETC2-YG835C04R Datasheet
62Kb / 3P
   SCHOTTKY BARRIER DIODE
logo
Inchange Semiconductor ...
YG835C04R ISC-YG835C04R Datasheet
268Kb / 2P
   Schottky Barrier Rectifier
2023-9-11
More results

Similar Description - YG835C04R

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com