Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9028EBTT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9028EBTT
Description  UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9028EBTT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9028EBTT Datasheet HTML 3Page - Maxim Integrated Products MAX9028EBTT Datasheet HTML 4Page - Maxim Integrated Products MAX9028EBTT Datasheet HTML 5Page - Maxim Integrated Products MAX9028EBTT Datasheet HTML 6Page - Maxim Integrated Products MAX9028EBTT Datasheet HTML 7Page - Maxim Integrated Products MAX9028EBTT Datasheet HTML 8Page - Maxim Integrated Products MAX9028EBTT Datasheet HTML 9Page - Maxim Integrated Products MAX9028EBTT Datasheet HTML 10Page - Maxim Integrated Products MAX9028EBTT Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, CL = 15pF, VOVERDRIVE = 100mV, TA = +25°C, unless otherwise noted.)
UCSP, 1.8V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
_______________________________________________________________________________________
7
40
30
20
10
0
0.01
1
0.1
10
100
MAX9025/MAX9027
PROPAGATION DELAY (tPD+)
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (nF)
VCC = 5V VCC = 3V
VCC = 1.8V
0
10
20
30
40
50
60
70
80
010
20304050
PROPAGATION DELAY (tPD-)
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
VCC = 5V
VCC = 3V
VCC = 1.8V
0
20
10
40
30
50
60
020
10
30
40
50
MAX9025/MAX9027
PROPAGATION DELAY (tPD+)
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
VCC = 5V
VCC = 3V
VCC = 1.8V
MAX9026/MAX9028
PROPAGATION DELAY (tPD+)
vs. PULLUP RESISTANCE
PULLUP RESISTANCE (kΩ)
1000
100
25
50
75
100
125
150
175
200
0
10
10000
VCC = 5V
VCC = 3V
VCC = 1.8V
20µs/div
PROPAGATION DELAY (VCC = 5V)
+100mV
MAX9025 toc27
-100mV
OUT
2V/div
0V
IN+
MAX9025/MAX9026
REFERENCE VOLTAGE
vs. REFERENCE CURRENT
REFERENCE CURRENT (nA)
50
0
-50
1.234
1.236
1.238
1.240
1.232
-100
100
VCC = 5V
VCC = 3V
VCC = 1.8V
PROPAGATION DELAY (tPD-)
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
5
10
15
20
0
-40
85
VCC = 5V
VCC = 3V
VCC = 1.8V
MAX9025/MAX9027
PROPAGATION DELAY (tPD+)
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
10
20
30
40
50
0
-40
85
VCC = 5V
VCC = 3V
VCC = 1.8V
20
15
10
5
0
0.01
1
0.1
10
100
PROPAGATION DELAY (tPD-)
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (nF)
VCC = 5V
VCC = 3V
VCC = 1.8V


Similar Part No. - MAX9028EBTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9028EBT-T MAXIM-MAX9028EBT-T Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
More results

Similar Description - MAX9028EBTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX14661 MAXIM-MAX14661 Datasheet
1Mb / 27P
   Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com