Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9026EBTT Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9026EBTT
Description  UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9026EBTT Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9026EBTT Datasheet HTML 6Page - Maxim Integrated Products MAX9026EBTT Datasheet HTML 7Page - Maxim Integrated Products MAX9026EBTT Datasheet HTML 8Page - Maxim Integrated Products MAX9026EBTT Datasheet HTML 9Page - Maxim Integrated Products MAX9026EBTT Datasheet HTML 10Page - Maxim Integrated Products MAX9026EBTT Datasheet HTML 11Page - Maxim Integrated Products MAX9026EBTT Datasheet HTML 12Page - Maxim Integrated Products MAX9026EBTT Datasheet HTML 13Page - Maxim Integrated Products MAX9026EBTT Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
UCSP, 1.8V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
______________________________________________________________________________________
11
THRESHOLDS
OUT
IN+
IN-
VHB
HYSTERESIS
BAND
VTHF
VTHR
Figure 2. Threshold Hysteresis Band
VCC
MAX9027
OUT
RS
RFB
VCC/2
VIN
Figure 3. MAX9025/MAX9027 External Hysteresis
Simplest Circuit
The simplest circuit for adding external hysteresis is
shown in Figure 3. In this example, the hysteresis is
defined by:
where RS is the source resistance and RFB is the feed-
back resistance. Because the comparison threshold is
1/2 VCC, the MAX9027 was chosen for its push-pull out-
put and lack of reference. This provides symmetrical
hysteresis around the threshold.
Output Considerations
In most cases, the push-pull outputs of the
MAX9025/MAX9027 are best for external hysteresis.
The open-drain output of the MAX9026/MAX9028 can
be used, but the effect of the feedback network on the
actual output high voltage must be considered.
Component Selection
Because the MAX9025–MAX9028 are intended for very
low power-supply systems, the highest impedance cir-
cuits should be used wherever possible. The offset
error due to input-bias current is proportional to the
total impedance seen at the input. For example, select-
ing components for Figure 3, with a target of 50mV hys-
teresis, a 5V supply, and choosing an RFB of 10MΩ
gives RS as 100kΩ. The total impedance seen at IN+ is
therefore 10MΩ || 100kΩ, or 99kΩ. The maximum IB of
the MAX9025–MAX9028 is 2nA; therefore, the error due
to source impedance is less than 400µV.
Asymmetrical Hysteresis
When the input threshold is not set at 1/2 VCC, the hys-
teresis added to the input threshold will not be symmet-
rical. This is typical of the MAX9025/MAX9026 where
the internal reference is usually used as the threshold.
If the asymmetry is unacceptable, it can be corrected
by adding resistors to the circuit.
Board Layout and Bypassing
Power-supply bypass capacitors are not typically need-
ed, but use 100nF bypass capacitors close to the
device’s supply pins when supply impedance is high,
supply leads are long, or excessive noise is expected
on the supply lines. Minimize signal trace lengths to
reduce stray capacitance. A ground plane and surface-
mount components are recommended. If the REF pin is
decoupled, use a new low-leakage capacitor.
Zero-Crossing Detector
Figure 4 shows a zero-crossing detector application.
The MAX9027’s inverting input is connected to ground,
and its noninverting input is connected to a 100mVP-P
signal source. As the signal at the noninverting input
crosses 0V, the comparator’s output changes state.
Logic-Level Translator
The Typical Application Circuit shows an application
that converts 5V logic to 3V logic levels. The MAX9028
is powered by the +5V supply voltage, and the pullup
resistor for the MAX9028’s open-drain output is con-
nected to the +3V supply voltage. This configuration
allows the full 5V logic swing without creating overvolt-
age on the 3V logic inputs. For 3V to 5V logic-level
translations, simply connect the +3V supply voltage to
VCC and the +5V supply voltage to the pullup resistor.
Hysteresis
R
R
V
S
FB
CC


Similar Part No. - MAX9026EBTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9026EBT-T MAXIM-MAX9026EBT-T Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
More results

Similar Description - MAX9026EBTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX14661 MAXIM-MAX14661 Datasheet
1Mb / 27P
   Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com