Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9027EBT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9027EBT
Description  UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9027EBT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9027EBT Datasheet HTML 2Page - Maxim Integrated Products MAX9027EBT Datasheet HTML 3Page - Maxim Integrated Products MAX9027EBT Datasheet HTML 4Page - Maxim Integrated Products MAX9027EBT Datasheet HTML 5Page - Maxim Integrated Products MAX9027EBT Datasheet HTML 6Page - Maxim Integrated Products MAX9027EBT Datasheet HTML 7Page - Maxim Integrated Products MAX9027EBT Datasheet HTML 8Page - Maxim Integrated Products MAX9027EBT Datasheet HTML 9Page - Maxim Integrated Products MAX9027EBT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, CL = 15pF, VOVERDRIVE = 100mV, TA = +25°C, unless otherwise noted.)
UCSP, 1.8V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
6
_______________________________________________________________________________________
MAX9025/MAX9027
OUTPUT VOLTAGE HIGH vs. SOURCE CURRENT
SOURCE CURRENT (mA)
8
6
4
2
200
400
600
800
0
010
TA = +85°C
TA = +25°C
TA = -40°C
SHORT-CIRCUIT SINK
CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
10
20
30
40
0
-40
85
VCC = 5V
VCC = 3V
VCC = 1.8V
VOUT = VCC
MAX9025/MAX9027 SHORT-CIRCUIT SOURCE
CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
10
20
30
40
0
-40
85
VCC = 5V
VCC = 3V
VCC = 1.8V
VOUT = VEE
OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.3
0.5
0.8
1.0
0
-40
85
VCC = 5V
VCC = 3V
VCC = 1.8V
HYSTERESIS VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
2.5
3.0
3.5
4.0
2.0
-40
85
VCC = 5V
VCC = 3V
VCC = 1.8V
-1.000
-0.600
0.200
-0.200
0.600
1.000
-0.5
1.5
0.5
2.5
3.5
4.5
5.5
INPUT BIAS CURRENT
vs. INPUT BIAS VOLTAGE
INPUT BIAS VOLTAGE (IN-) (V)
IN+ = 2.5V
MAX9025/MAX9026
REFERENCE VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
1.2340
1.2350
1.2360
1.2370
1.2330
-40
85
VCC = 5V
VCC = 3V
VCC = 1.8V
MAX9025/MAX9026
REFERENCE VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
1.233
1.235
1.237
1.239
1.231
-40
85
5 DEVICES
MAX9025/MAX9026
REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
3.5
2.5
1.235
1.236
1.237
1.238
1.234
1.5
5.5


Similar Part No. - MAX9027EBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9027EBT-T MAXIM-MAX9027EBT-T Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
More results

Similar Description - MAX9027EBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX14661 MAXIM-MAX14661 Datasheet
1Mb / 27P
   Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com