Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9026EBT Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9026EBT
Description  UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9026EBT Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9026EBT Datasheet HTML 6Page - Maxim Integrated Products MAX9026EBT Datasheet HTML 7Page - Maxim Integrated Products MAX9026EBT Datasheet HTML 8Page - Maxim Integrated Products MAX9026EBT Datasheet HTML 9Page - Maxim Integrated Products MAX9026EBT Datasheet HTML 10Page - Maxim Integrated Products MAX9026EBT Datasheet HTML 11Page - Maxim Integrated Products MAX9026EBT Datasheet HTML 12Page - Maxim Integrated Products MAX9026EBT Datasheet HTML 13Page - Maxim Integrated Products MAX9026EBT Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
UCSP, 1.8V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
10
______________________________________________________________________________________
Reference (MAX9025/MAX9026)
The MAX9025–MAX9028s’ internal +1.236V reference
has a typical temperature coefficient of 40ppm/°C over
the full -40°C to +85°C temperature range. The reference
is a very-low-power bandgap cell, with a typical 35kΩ
output impedance. REF can source and sink up to
100nA to external circuitry. For applications needing
increased drive, buffer REF with a low input-bias current
op amp such as the MAX4162. Most applications require
no REF bypass capacitor. For noisy environments or fast
VCC transients, connect a 1nF to 10nF ceramic capacitor
from REF to GND.
Applications Information
Low-Voltage, Low-Power Operation
The MAX9025–MAX9028 are ideally suited for use with
most battery-powered systems. Table 1 lists a variety of
battery types, capacities, and approximate operating
times for the MAX9025–MAX9028, assuming nominal
conditions.
Internal Hysteresis
Many comparators oscillate in the linear region of opera-
tion because of noise or undesired parasitic feedback.
This tends to occur when the voltage on one input is
equal or very close to the voltage on the other input. The
MAX9025–MAX9028 have internal 4mV hysteresis to
counter parasitic effects and noise.
The hysteresis in a comparator creates two trip points:
one for the rising input voltage (VTHR) and one for the
falling input voltage (VTHF) (Figure 2). The difference
between the trip points is the hysteresis (VHB). When
the comparator’s input voltages are equal, the hystere-
sis effectively causes one comparator input to move
quickly past the other, thus taking the input out of the
region where oscillation occurs. Figure 2 illustrates the
case in which IN- has a fixed voltage applied, and IN+
is varied. If the inputs were reversed, the figure would
be the same, except with an inverted output.
Adding External Hysteresis
In applications requiring more than the internal 4mV
hysteresis of the MAX9025–MAX9028, additional hys-
teresis can be added with external components.
Because the MAX9025–MAX9028 are intended for very
low-power systems, care should be taken to minimize
power dissipation in the additional circuitry.
Regardless of which approach is taken, the external
hysteresis will be VCC dependent. Over the full discharge
range of battery-powered systems, the hysteresis can
change as much as 40%. This must be considered
during design.
BANDGAP
REF
VEE
VCC
Figure 1. MAX9025/MAX9026 Voltage Reference Output
Equivalent Circuit
Table 1. Battery Applications Using MAX9025–MAX9028
BATTERY
TYPE
RECHARGEABLE VFRESH (V)
VEND-OF-LIFE
(V)
CAPACITY,
AA SIZE
(mA-H)
MAX9025/MAX9026
OPERATING TIME
(hr)
MAX9027/MAX9028
OPERATING TIME
(hr)
Alkaline
(2 Cells)
No
3.0
1.8
2000
1.8 x 10
6
2.8 x 10
6
Nickel-
Cadmium
(2 Cells)
Yes
2.4
1.8
750
680,000
1.07 x 10
6
Lithium-Ion
(1 Cell)
Yes
3.5
2.7
1000
0.9 x 10
6
1.4 x 10
6
Nickel-Metal-
Hydride
(2 Cells)
Yes
2.4
1.8
1000
0.9 x 10
6
1.4 x 10
6


Similar Part No. - MAX9026EBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9026EBT-T MAXIM-MAX9026EBT-T Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
More results

Similar Description - MAX9026EBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX14661 MAXIM-MAX14661 Datasheet
1Mb / 27P
   Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com