Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8903BETI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8903BETI
Description  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power Thermistor Monitor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903BETI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8903BETI Datasheet HTML 5Page - Maxim Integrated Products MAX8903BETI Datasheet HTML 6Page - Maxim Integrated Products MAX8903BETI Datasheet HTML 7Page - Maxim Integrated Products MAX8903BETI Datasheet HTML 8Page - Maxim Integrated Products MAX8903BETI Datasheet HTML 9Page - Maxim Integrated Products MAX8903BETI Datasheet HTML 10Page - Maxim Integrated Products MAX8903BETI Datasheet HTML 11Page - Maxim Integrated Products MAX8903BETI Datasheet HTML 12Page - Maxim Integrated Products MAX8903BETI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
2A 1-Cell Li+ DC-DC Chargers for USB
and Adapter Power
_______________________________________________________________________________________
9
CHARGE PROFILE—1400mAh BATTERY
USB INPUT—500mA CHARGE
TIME (min)
180
160
120 140
40 60 80 100
20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.050
0.100
0.150
0.200
0.250
0.300
0.350
0.400
0.450
0.500
0
0
200
VBAT
IBAT
MAX8903A toc18
MAX8903A/MAX8903B/MAX8903C
IUSB SET TO 500mA
IBAT SET TO 2A
200ns/div
MAX8903A/B/C/D/E/H/J/Y DC SWITCHING
WAVEFORMS—LIGHT LOAD
20mV/div
AC-COUPLED
MAX8903A toc19
500mA/div
0A
5V/div
0V
VOUT
VLX
ILX
RSYS = 44
MAX8903G DC SWITCHING
WAVEFORMS—LIGHT LOAD
MAX8903A toc19a
10V/div
0A
50mV/div
AC-COUPLED
0V
1A/div
VSYS
VLX
ILX
1µs/div
VDC = 9V, L = 2.2µH
CSYS = 22µF,
RSYS = 44
I
MAX8903A/B/C/D/E/H/J/Y DC SWITCHING
WAVEFORMS—HEAVY LOAD
MAX8903A toc20
200ns/div
VLX
VOUT
ILX
5V/div
0V
20mV/div
AC-COUPLED
500mA/div
0A
RSYS = 5
MAX8903G DC SWITCHING
WAVEFORMS—HEAVY LOAD
MAX8903A toc20a
10V/div
0A
50mV/div
AC-COUPLED
0V
1A/div
VSYS
VLX
ILX
1µs/div
VDC = 9V, L = 2.2µH
CSYS = 22µF, RSYS = 5
I
CEN = 1
DC CONNECT WITH
USB CONNECTED (RSYS = 25
Ω)
MAX8903A toc21
200
µs/div
IDC
VSYS
IUSB
IBAT
2V/div
500mA/div
500mA/div
500mA/div
0A
3.6V
347mA
-IBAT = CHARGING
475mA
-335mA
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8903BETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8903BETI+T MAXIM-MAX8903BETI+T Datasheet
1Mb / 30P
   2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
Rev 5; 9/11
More results

Similar Description - MAX8903BETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8903A MAXIM-MAX8903A_13 Datasheet
1Mb / 30P
   2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
Rev 5; 9/11
MAX8903A MAXIM-MAX8903A Datasheet
592Kb / 20P
   2A 1-Cell Li DC-DC Charger for USB* and Adapter Power
Rev 0; 12/08
logo
Monolithic Power System...
MP2611 MPS-MP2611 Datasheet
751Kb / 22P
   2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
MAX1925 MAXIM-MAX1925 Datasheet
443Kb / 16P
   Switch-Mode 1-Cell Li Chargers
Rev 1; 10/02
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Maxim Integrated Produc...
MAX8971 MAXIM-MAX8971_V01 Datasheet
2Mb / 45P
   Industrys Smallest 1.55A 1-Cell Li DC-DC Charger
45
MAX8971 MAXIM-MAX8971 Datasheet
3Mb / 39P
   Industrys Smallest 1.55A 1-Cell Li DC-DC Charger
Rev 0; 1/12
MAX8895V MAXIM-MAX8895V Datasheet
4Mb / 45P
   Li-Ion Chargers with Smart Power Selector, Adapter Type Detection, and USB Enumeration
Rev 4 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com