Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6153A Datasheet(PDF) 1 Page - Semtech Corporation

Part # 1N6153A
Description  QPL 1500 Watt Axial Leaded TVS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6153A Datasheet(HTML) 1 Page - Semtech Corporation

  1N6153A Datasheet HTML 1Page - Semtech Corporation 1N6153A Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N6138A
Thru
1N6173A
TEL:805-498-2111 FAX:805-498-3804
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
QPL
1500 Watt Axial Leaded TVS
FEATURES:
1500 Watts Peak Pulse Power (tp = 10/1000µs)
Voidless hermetically sealed glass package
Metallurgically bonded
High surge capacity
Military & Industrial applications
Available in JAN, JTX, and JTXV versions per
MIL-S-19500/516
DESCRIPTION
The 1N61xx series of transient voltage suppressors are
designed to protect military and commercial electronic
equipment from overvoltages caused by lightning, ESD,
EFT, inductive load switching, and EMP. These devices are
constructed using two p-n junction TVS diodes in a back-to-
back configuration, hermetically sealed in a voidless glass
package. The hermetically sealed package provides high
reliability in harsh environmental conditions. TVS diodes
are further characterized by their high surge capability, low
operating and clamping voltages, and a theoretically
instantaneous response time. This makes them ideal for
use as board level protection for sensitive semiconductor
components.
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Pulse Power (tp = 10 x 1000µs)
Ppk
1500
Watts
Operating Temperature
Tj
-65 to +175
°C
Storage Temperature
Tstg
-65 to +175
°C
Steady-State Power Dissipation @ TL = 75ºC (3/8”)
PD
5
Watts
MECHANICAL CHARACTERISTICS:
Hermetically sealed glass package
Tinned copper leads
Marking : P/N, date code, logo
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise specified)
DEVICE
TYPE
REVERSE
STAND-OFF
VOLTAGE
VRWM
REVERSE
LEAKAGE
CURRENT
IR
MINIMUM
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK PULSE
CURRENT
Ipp
tp = 1mS
TEMPERATURE
COEFFICIENT
OF VBR
αVz
MAXIMUM
REVERSE
LEAKAGE
CURRENT (Ir2)
TA=+150°C
(V)
(µA)
(V)
(mA)
(V)
(A)
% / °C
(A)
1N6138A
5.2
500
6.46
175
10.5
142.8
0.05
12000
1N6139A
5.7
300
7.13
175
11.2
133.9
0.06
3000
1N6140A
6.2
100
7.79
150
12.1
124.0
0.06
2000
1N6141A
6.9
100
8.65
150
13.4
111.9
0.06
1200
1N6142A
7.6
100
9.50
125
14.5
103.4
0.07
800
1N6143A
8.4
20
10.45
125
15.6
96.2
0.07
800
1N6144A
9.1
20
11.40
100
16.9
88.8
0.07
600
1N6145A
9.9
20
12.35
100
18.2
82.4
0.08
600
1N6146A
11.4
20
14.25
75
21.0
71.4
0.08
400
1N6147A
12.2
20
15.20
75
22.3
67.3
0.08
400
1N6148A
13.7
10
17.10
65
25.1
59.8
0.085
400
1N6149A
15.2
5
19.0
65
27.7
54.2
0.085
400
1N6150A
16.7
5
20.9
50
30.5
49.2
0.085
400
1N6151A
18.2
5
22.8
50
33.3
45.0
0.09
400
1N6152A
20.6
5
25.7
50
37.4
40.1
0.09
400
1N6153A
22.8
5
28.5
40
41.6
36.0
0.09
400
1N6154A
25.1
5
31.4
40
45.7
32.8
0.095
400
1N6155A
27.4
5
34.2
30
49.9
30.1
0.095
400
1N6156A
29.7
5
37.1
30
53.6
28.0
0.095
400
1N6157A
32.7
5
40.9
30
59.1
25.4
0.095
400
1N6158A
35.8
5
44.7
25
64.6
23.2
0.095
400
1N6159A
38.8
5
48.5
25
70.1
21.4
0.095
400
1N6160A
42.6
5
53.2
20
77.0
19.5
0.095
400
1N6161A
47.1
5
58.9
20
85.3
17.6
0.100
400
1N6162A
51.7
5
64.6
20
97.1
15.4
0.100
400
1N6163A
56.0
5
71.3
20
103.1
14.5
0.100
400
1N6164A
62.2
5
77.9
15
112.8
13.3
0.100
400
1N6165A
69.2
5
86.5
15
125.1
12.0
0.100
400
1N6166A
76.0
5
95.0
12
137.6
10.9
0.100
400
1N6167A
83.6
5
104.5
12
151.3
9.9
0.100
400
1N6168A
91.2
5
114.0
10
165.1
9.1
0.100
400
1N6169A
98.8
5
123.5
10
178.8
8.4
0.105
400
1N6170A
114.0
5
142.5
8
206.3
7.3
0.105
400
1N6171A
121.6
5
152.0
8
218.4
6.9
0.105
400
1N6172A
136.8
5
171.0
5
245.7
6.1
0.110
400
1N6173A
152.0
5
190.0
5
273.0
5.5
0.110
400
1. Non-A Part has 5% higher clamping voltage, 5% lower minimum breakdown voltage, and 5% lower peak pulse current.


Similar Part No. - 1N6153A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6153A MICROSEMI-1N6153A Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6153A MICROSEMI-1N6153A Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Semtech Corporation
1N6153A SEMTECH-1N6153A Datasheet
47Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
Sensitron
1N6153A SENSITRON-1N6153A Datasheet
41Kb / 3P
   Transient Voltage Suppressor Diode, 1500W
logo
Digitron Semiconductors
1N6153A DIGITRON-1N6153A Datasheet
453Kb / 3P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
More results

Similar Description - 1N6153A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6469 SEMTECH-1N6469 Datasheet
24Kb / 2P
   QPL 1500 Watt Axial Leaded TVS
1N6469 SEMTECH-1N6469_08 Datasheet
321Kb / 2P
   QPL 1500 Watt Axial Leaded TVS
1N6461 SEMTECH-1N6461 Datasheet
24Kb / 2P
   QPL 500 Watt Axial Leaded TVS
1N6102A SEMTECH-1N6102A Datasheet
31Kb / 2P
   QPL 500 Watt Axial Leaded TVS
1N6469US SEMTECH-1N6469US Datasheet
130Kb / 3P
   QPL 1500 Watt Surface Mount TVS
logo
Protek Devices
1.5KE6.8 PROTEC-1.5KE6.8_14 Datasheet
327Kb / 10P
   1500 WATT TVS COMPONENT
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
logo
Semtech Corporation
1N6461US SEMTECH-1N6461US Datasheet
128Kb / 4P
   QPL 500 Watt Surface Mount TVS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com