Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8952EWE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8952EWE
Description  2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8952EWE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8952EWE Datasheet HTML 1Page - Maxim Integrated Products MAX8952EWE Datasheet HTML 2Page - Maxim Integrated Products MAX8952EWE Datasheet HTML 3Page - Maxim Integrated Products MAX8952EWE Datasheet HTML 4Page - Maxim Integrated Products MAX8952EWE Datasheet HTML 5Page - Maxim Integrated Products MAX8952EWE Datasheet HTML 6Page - Maxim Integrated Products MAX8952EWE Datasheet HTML 7Page - Maxim Integrated Products MAX8952EWE Datasheet HTML 8Page - Maxim Integrated Products MAX8952EWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
2.5A Step-Down Regulator
with Remote Sense in 2mm x 2mm WLP
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VID0, VID1, EN Logic Input
Pulldown Resistor
Controlled by I
2C command:
VID0_PD = 1
VID1_PD = 1
EN_PD = 1
200
320
450
k
Ω
I2C INTERFACE
SDA Output Low Voltage
ISDA = 3mA
0.03
0.4
V
I
2C Clock Frequency
400
kHz
Bus-Free Time Between START
and STOP
tBUF
1.3
µs
Hold Time REPEATED START
Condition
tHD_STA
0.6
0.1
µs
SCL Low Period
tLOW
1.3
0.2
µs
SCL High Period
tHIGH
0.6
0.2
µs
Setup Time REPEATED START
Condition
tSU_STA
0.6
0.1
µs
SDA Hold Time
tHD_DAT
0
-0.01
µs
SDA Setup Time
tSU_DAT
0.1
0.05
µs
Setup Time for STOP Condition
tSU_STO
0.6
0.1
µs
STEP-DOWN DC-DC REGULATOR
FPWM_EN_ = 0, VOUT = 1.27V, no switching
54
80
µA
IN1 + IN2
Supply Current
FPWM_EN_ = 1, VOUT = 1.27V, fsw = 3.25MHz
9
mA
Minimum Output Capacitance
Required for Stability
VOUT = 0.77V to 1.40V,
IOUT = 0 to 2.5A
10
µF
OUT Voltage Range
10mV steps
0.770
1.400
V
Output Overvoltage Protection
Rising, 50mV hysteresis (typ)
1.65
1.8
1.9
V
ELECTRICAL CHARACTERISTICS (continued)
(VIN1 = VIN2 = 3.6V, VAGND = VPGND = 0V, VDD = 1.8V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA =
+25°C.) (Note 2)


Similar Part No. - MAX8952EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX895L MAXIM-MAX895L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX895L MAXIM-MAX895L Datasheet
363Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
MAX895LC MAXIM-MAX895LC Datasheet
363Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
MAX895LC/D MAXIM-MAX895LC/D Datasheet
98Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
MAX895LD MAXIM-MAX895LD Datasheet
363Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
More results

Similar Description - MAX8952EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8805Y MAXIM-MAX8805Y Datasheet
468Kb / 21P
   600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07
MAX8805W MAXIM-MAX8805W Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX15040 MAXIM-MAX15040 Datasheet
323Kb / 15P
   High-Efficiency, 4A, Step-Down Regulator with Integrated Switches in 2mm x 2mm Package
19-4426; Rev 2; 7/10
logo
Analog Devices
LTC3302 AD-LTC3302 Datasheet
2Mb / 20P
   5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
logo
Maxim Integrated Produc...
MAX8831 MAXIM-MAX8831 Datasheet
422Kb / 27P
   High-Efficiency, White LED Step-Up Converter with I2C Interface in 2mm x 2mm WLP
Rev 0; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com