Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8903GETIT Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8903GETIT
Description  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power Thermistor Monitor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903GETIT Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8903GETIT Datasheet HTML 6Page - Maxim Integrated Products MAX8903GETIT Datasheet HTML 7Page - Maxim Integrated Products MAX8903GETIT Datasheet HTML 8Page - Maxim Integrated Products MAX8903GETIT Datasheet HTML 9Page - Maxim Integrated Products MAX8903GETIT Datasheet HTML 10Page - Maxim Integrated Products MAX8903GETIT Datasheet HTML 11Page - Maxim Integrated Products MAX8903GETIT Datasheet HTML 12Page - Maxim Integrated Products MAX8903GETIT Datasheet HTML 13Page - Maxim Integrated Products MAX8903GETIT Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
2A 1-Cell Li+ DC-DC Chargers for USB
and Adapter Power
10
______________________________________________________________________________________
400
µs/div
DC CONNECT WITH NO USB
(RSYS = 25
Ω)
2V/div
MAX8903A toc22
5V/div
1A/div
1A/div
3.6V
3.84V
3.6V
3.44V
CDC
CHARGING
CSYS
CHARGING 850mA
-1A
BATTERY
CHARGER
SOFT-START
144mA
0A
VSYS
VBAT
IDC
IBAT
-IBAT = CHARGING
40
µs/div
DC DISCONNECT WITH NO USB
(RSYS = 25
Ω)
2V/div
MAX8903A toc23
5V/div
1A/div
1A/div
3.6V
3.68V
850mA
-1A
144mA
0A
VSYS
VBAT
IDC
IBAT
3.6V
-IBAT = CHARGING
MAX8903A/C/D/H/Y SYS LOAD TRANSIENT
MAX8903A toc24a
0A
20mV/div
AC-COUPLED
500mA/div
VSYS
4.400V
4.360V
1A
0A
ISYS
100µs/div
MAX8903A
VDC = 10.5V
L = 2.2µH
CSYS = 10µF
RIDC = 3k
I (2A)
DCM = HIGH
CEN = 1
MAX8903B/E SYS LOAD TRANSIENT
MAX8903A toc24b
0A
20mV/div
500mA/div
VSYS
4.325V
4.305V
1A
0A
ISYS
100µs/div
MAX8903B
VDC = 10.5V
L = 2.2µH
CSYS = 22µF
RIDC = 3k
I (2A)
DCM = HIGH
CEN = 1
MAX8903G SYS LOAD TRANSIENT
MAX8903A toc24c
0A
50mV/div
500mA/div
VSYS
0A
1A
4.325V
4.305V
ISYS
100µs/div
VDC = 9V
L = 2.2µH
CSYS = 22µF
RIDC = 3k
I (2A)
DCM = 1
CEN = 1
400
µs/div
USB CONNECT WITH NO DC
(RSYS = 25
Ω)
2V/div
MAX8903A toc25
5V/div
500mA/div
500mA/div
3.6V
CUSB
CHARGING
BATTERY
CHARGER
SOFT-START
144mA
VSYS
VUSB
IUSB
IBAT
3.5V
3.75V
5V
475mA
-330mA
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8903GETIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8903GETI+T MAXIM-MAX8903GETI+T Datasheet
1Mb / 30P
   2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
Rev 5; 9/11
More results

Similar Description - MAX8903GETIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8903A MAXIM-MAX8903A_13 Datasheet
1Mb / 30P
   2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
Rev 5; 9/11
MAX8903A MAXIM-MAX8903A Datasheet
592Kb / 20P
   2A 1-Cell Li DC-DC Charger for USB* and Adapter Power
Rev 0; 12/08
logo
Monolithic Power System...
MP2611 MPS-MP2611 Datasheet
751Kb / 22P
   2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
MAX1925 MAXIM-MAX1925 Datasheet
443Kb / 16P
   Switch-Mode 1-Cell Li Chargers
Rev 1; 10/02
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Maxim Integrated Produc...
MAX8971 MAXIM-MAX8971_V01 Datasheet
2Mb / 45P
   Industrys Smallest 1.55A 1-Cell Li DC-DC Charger
45
MAX8971 MAXIM-MAX8971 Datasheet
3Mb / 39P
   Industrys Smallest 1.55A 1-Cell Li DC-DC Charger
Rev 0; 1/12
MAX8895V MAXIM-MAX8895V Datasheet
4Mb / 45P
   Li-Ion Chargers with Smart Power Selector, Adapter Type Detection, and USB Enumeration
Rev 4 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com