Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8864SEUK Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8864SEUK
Description  Low-Dropout, 120mA Linear Regulators Miniature External Components
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8864SEUK Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8864SEUK Datasheet HTML 1Page - Maxim Integrated Products MAX8864SEUK Datasheet HTML 2Page - Maxim Integrated Products MAX8864SEUK Datasheet HTML 3Page - Maxim Integrated Products MAX8864SEUK Datasheet HTML 4Page - Maxim Integrated Products MAX8864SEUK Datasheet HTML 5Page - Maxim Integrated Products MAX8864SEUK Datasheet HTML 6Page - Maxim Integrated Products MAX8864SEUK Datasheet HTML 7Page - Maxim Integrated Products MAX8864SEUK Datasheet HTML 8Page - Maxim Integrated Products MAX8864SEUK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low-Dropout, 120mA Linear Regulators
_______________________________________________________________________________________
3
__________________________________________Typical Operating Characteristics
(VIN = +3.6V, CIN = 1µF, COUT = 1µF, TA = +25°C, MAX886_T, unless otherwise noted.)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CONDITIONS
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +3.6V, GND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: Limits are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed through cor-
relation using Statistical Quality Control (SQC) Methods.
Note 2: Guaranteed by line regulation test.
Note 3: Adjustable mode only.
Note 4: Not tested. For design purposes, the current limit should be considered 120mA minimum to 420mA maximum.
Note 5: The dropout voltage is defined as (VIN - VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT +2V.
TSHDN
˚C
Thermal Shutdown Temperature
170
∆TSHDN
˚C
Thermal Shutdown Hysteresis
20
SET Input Leakage Current
(Note 3)
nA
0.015
2.5
ISET
VSET = 1.3V
SET Reference Voltage (Note 3)
V
1.225
1.25
1.275
VSET
VIN = 2.5V to 6.5V,
IOUT = 1mA
SET INPUT
THERMAL PROTECTION
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMAX
0.5
1.215
1.25
1.285
3.00
3.05
3.10
3.15
3.20
3.25
3.30
0
20
60
100
OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
40
80
10
30
70
50
90
100
50
020
60
100
SUPPLY CURRENT
vs. LOAD CURRENT
60
90
LOAD CURRENT (mA)
40
80
10
30
70
50
90
80
70
95
55
85
75
65
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
01
2
4
6
OUTPUT VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
35
NO LOAD


Similar Part No. - MAX8864SEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8864SEUK+T MAXIM-MAX8864SEUK+T Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
MAX8864SEUK-T MAXIM-MAX8864SEUK-T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
More results

Similar Description - MAX8864SEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com